Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHP1237 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # CHP1237
Description  KPCS CDMA InGaP HBT Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

CHP1237 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button CHP1237 Datasheet HTML 2Page - ANADIGICS, Inc CHP1237 Datasheet HTML 3Page - ANADIGICS, Inc CHP1237 Datasheet HTML 4Page - ANADIGICS, Inc CHP1237 Datasheet HTML 5Page - ANADIGICS, Inc CHP1237 Datasheet HTML 6Page - ANADIGICS, Inc CHP1237 Datasheet HTML 7Page - ANADIGICS, Inc CHP1237 Datasheet HTML 8Page - ANADIGICS, Inc CHP1237 Datasheet HTML 9Page - ANADIGICS, Inc CHP1237 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.5
08/2004
CHP1237
Figure 5: ACP1_U vs V
(Po = 28 dBm, V
= 3.0 V,
= 3.0 V)
CC
REF1
VREF2
-60.00
-55.00
-50.00
-45.00
-40.00
-35.00
-30.00
3.20
3.40
3.60
3.80
4.00
4.20
Vcc (V)
1.75GHz, +25C
1.75GHz, -30C
1.75GHz, +85C
1.78GHz, +25C
1.78GHz, -30C
1.78GHz, +85C
Figure 6: ACP2_U vs V
(Po = 28 dBm, V
= 3.0 V,
= 3.0 V)
CC
REF1
VREF2
-70.00
-68.00
-66.00
-64.00
-62.00
-60.00
-58.00
-56.00
-54.00
-52.00
-50.00
3.20
3.40
3.60
3.80
4.00
4.20
Vcc (V)
1.75MHz, +25C
1.75MHz, -30C
1.75MHz, +85C
1.78MHz, +25C
1.78MHz, -30C
1.78MHz, +85C
Figure 7: PAE vs V
(Po = 28 dBm, V
= 3.0 V,
= 3.0 V)
CC
REF1
VREF2
25.00
27.00
29.00
31.00
33.00
35.00
37.00
39.00
41.00
43.00
45.00
3.20
3.40
3.60
3.80
4.00
4.20
Vcc (V)
1.75GHz, +25C
1.75GHz, -30C
1.75GHz, +85C
1.78GHz, +25C
1.78GHz, -30C
1.78GHz, +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com