Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6137 Datasheet (PDF) - ANADIGICS, Inc

AWT6137 Datasheet PDF - ANADIGICS, Inc
Part # AWT6137
Download  AWT6137 Download
File Size   212.11 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module

AWT6137 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6137 Datasheet PDF - ANADIGICS, Inc

Part # AWT6137
Download  AWT6137 Click to download

File Size   212.11 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module

AWT6137 Datasheet (HTML) - ANADIGICS, Inc


AWT6137 Product details

PRODUCT DESCRIPTION
The AWT6137 CDMA/AMPS Power Amplifier is a high performance CDMA2000/ 1XRTT amplifier designed specifically for Cellular wireless applications. This rugged, easy to use InGaP HBT design delivers state of the art efficiency and temperature stability with very low DC power consumption. The AWT6137 PA module has the lowest CDG currents available to handset manufacturers today.

FEATURES
• InGaP HBT Technology
• High Efficiency:
    39% @ +28 dBm
    20% @ +16 dBm
• Low Quiescent Current: 15 mA
• Low Leakage Current in Shutdown Mode: <1 µA
• VREF = +2.85 V (+2.7 V Min Over Temp.)
• Low Profile Surface Mount Package: 1.56mm Max
• CDMA 1XRTT and 1xEV-DO Compliant

APPLICATIONS
• Single Mode CDMA Wireless Handsets
• Dual Mode AMPS/CDMA Wireless Handsets




Similar Part No. - AWT6137

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
REV 1.0
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0
AWT6131M7P8 ANADIGICS-AWT6131M7P8 Datasheet
206Kb / 12P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0
AWT6132R ANADIGICS-AWT6132R Datasheet
418Kb / 8P
415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.1
AWT6132RM5P8 ANADIGICS-AWT6132RM5P8 Datasheet
418Kb / 8P
415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.1
More results


Similar Description - AWT6137

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6134 ANADIGICS-AWT6134 Datasheet
277Kb / 12P
KPCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev. 1.0
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
AWT6114 ANADIGICS-AWT6114 Datasheet
125Kb / 8P
KPCS CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 0.0
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
09/2008
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
10/2008
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com