Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2306CPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2306CPZ-R2
Description  2W, Filterless, Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2306CPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2306CPZ-R2 Datasheet HTML 5Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 6Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 7Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 11Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 12Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
SSM2306
Rev. A | Page 9 of 16
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
OUTPUT POWER (W)
VDD = 5V
RL= 8Ω, 33µH
FOR BOTH CHANNELS
0
0.10.20.30.40.5
0.60.7
0.80.91.01.1
Figure 21. Power Dissipation vs. Output Power at VDD = 5 V, RL = 8 Ω
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT POWER (W)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VDD = 3.6V
RL = 8Ω, 33µH
FOR BOTH CHANNELS
Figure 22. Power Dissipation vs. Output Power at VDD = 3.6 V, RL = 8 Ω
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
OUTPUT POWER (W)
VDD = 5V
RL = 4Ω, 33µH
FOR BOTH CHANNELS
Figure 23. Power Dissipation vs. Output Power at VDD = 5 V, RL = 4 Ω
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0 0.10.20.30.40.50.60.70.80.91.01.11.21.3 1.41.51.6
OUTPUT POWER (W)
VDD = 3.6V
RL = 4Ω, 33µH
FOR BOTH CHANNELS
Figure 24. Power Dissipation vs. Output Power at VDD = 3.6 V, RL = 4 Ω
0
100
200
300
400
500
600
700
800
900
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PO (W)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
RL = 8Ω, 33µH
ISY IS FOR BOTH CHANNELS
Figure 25. Supply Current vs. Output Power into 8 Ω
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
PO (W)
VDD = 5V
VDD = 3.6V
VDD = 2.5V
RL = 4Ω, 33µH
ISY IS FOR BOTH CHANNELS
Figure 26. Supply Current vs. Output Power into 4 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com