Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2306CPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2306CPZ-R2
Description  2W, Filterless, Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2306CPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2306CPZ-R2 Datasheet HTML 8Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 9Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 10Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 11Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 12Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 13Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 14Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 15Page - Analog Devices SSM2306CPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2306
Data Sheet
Rev. A | Page 12 of 16
APPLICATION NOTES
OVERVIEW
The SSM2306 stereo, Class-D, audio amplifier features a filterless
modulation scheme that greatly reduces the external components
count, conserving board space and, thus, reducing systems cost.
The SSM2306 does not require an output filter; instead, it relies
on the inherent inductance of the speaker coil and the natural
filtering capacity of the speaker and human ear to fully recover
the audio component of the square wave output.
Although most Class-D amplifiers use some variation of pulse-
width modulation (PWM), the SSM2306 uses sigma-delta (Σ-Δ)
modulation to determine the switching pattern of the output
devices. This provides a number of important benefits. Σ-Δ
modulators do not produce a sharp peak with many harmonics
in the AM frequency band, as pulse-width modulators often do.
Σ-Δ modulation provides the benefits of reducing the amplitude
of spectral components at high frequencies; that is, reducing EMI
emission that might otherwise radiate by the use of speakers
and long cable traces. The SSM2306 also offers protection
circuits for overcurrent and overtemperature protection.
GAIN SELECTION
The SSM2306 has a pair of internal resistors that set an 18 dB
default gain for the amplifier. It is possible to adjust the SSM2306
gain by using external resistors at the input. To set a gain lower
than 18 dB, refer to Figure 32 for the differential input configu-
ration and Figure 33 for the single-ended configuration. Calculate
the external gain configuration as
External Gain Settings = 344 kΩ/(43 kΩ + REXT)
POP-AND-CLICK SUPPRESSION
Voltage transients at the output of audio amplifiers can occur with
the activation or deactivation of shutdown. Furthermore, voltage
transients as low as 10 mV are audible as an audio pop in the
speaker. Likewise, clicks and pops are classified as undesirable
audible transients generated by the amplifier system, and as
such, as not coming from the system input signal. These types
of transients generate when the amplifier system changes its
operating mode. For example, the following can be sources of
audible transients:
•
System power-up/power-down
•
Mute/unmute
•
Input source change
•
Sample rate change
The SSM2306 has a pop-and-click suppression architecture that
reduces these output transients, resulting in noiseless activation and
deactivation.
EMI NOISE
The SSM2306 uses a proprietary modulation and spread-
spectrum technology to minimize EMI emissions from the
device. Figure 34 shows the SSM2306 EMI emission starting
from 100 kHz to 30 MHz. Figure 35 shows the SSM2306 EMI
emission from 30 kHz to 2 GHz. These figures clearly depict the
SSM2306 EMI behavior as being well below the FCC regulation
values, starting from 100 kHz and passing beyond 1 GHz of
frequency. Although the overall EMI noise floor is slightly higher,
frequency spurs from the SSM2306 are greatly reduced.
70
0
0.1
100
FREQUENCY (MHz)
60
50
40
30
20
10
1
10
= HORIZONTAL
= VERTICAL
= REGULATION VALUE
Figure 34. EMI Emissions from the SSM2306
70
0
10
10k
FREQUENCY (MHz)
60
50
40
30
20
10
100
1k
= HORIZONTAL
= VERTICAL
= REGULATION VALUE
Figure 35. EMI Emissions from the SSM2306
The measurements for Figure 34 and Figure 35 were taken with
a 1 kHz input signal, producing 0.5 W output power into an 8 Ω
load from a 3.6 V supply. Cable length was approximately 5 cm.
To detect EMI, a magnetic probe was used touching the 2-inch
output trace to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com