Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC921 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC921
Description  45MHz Low-Power SC-70 Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC921 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC921 Datasheet HTML 3Page - Micrel Semiconductor MIC921 Datasheet HTML 4Page - Micrel Semiconductor MIC921 Datasheet HTML 5Page - Micrel Semiconductor MIC921 Datasheet HTML 6Page - Micrel Semiconductor MIC921 Datasheet HTML 7Page - Micrel Semiconductor MIC921 Datasheet HTML 8Page - Micrel Semiconductor MIC921 Datasheet HTML 9Page - Micrel Semiconductor MIC921 Datasheet HTML 10Page - Micrel Semiconductor MIC921 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
December 2001
9
MIC921
MIC921
Micrel
Large Signal Response
TIME (50ns/div)
V
± = ±5V
Av = 1
C
L = 100pF
Positive Slew Rate = 349V/
µs
Negative Slew Rate = 181V/
µs
Large Signal Response
TIME (25ns/div)
V
± = ±9V
Av = 1
C
L = 100pF
Positive Slew Rate = 615V/
µs
Negative Slew Rate = 447V/
µs
Large Signal Response
TIME (25ns/div)
V
± = ±9V
Av = 1
C
L = 1.7pF
Positive Slew Rate = 3230V/
µs
Negative Slew Rate = 2950V/
µs
Large Signal Response
TIME (250ns/div)
V
± = ±9V
Av = 1
C
L = 1000pF
Positive Slew Rate = 85V/
µs
Negative Slew Rate = 57V/
µs
Large Signal Response
TIME (250ns/div)
V
± = ±5V
Av = 1
C
L = 1000pF
Positive Slew Rate = 63V/
µs
Negative Slew Rate = 44V/
µs
Large Signal Response
TIME (25ns/div)
V
± = ±5V
Av = 1
C
L = 1.7pF
Positive Slew Rate = 1520V/
µs
Negative Slew Rate = 1312V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com