Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC921 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC921
Description  45MHz Low-Power SC-70 Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC921 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC921 Datasheet HTML 1Page - Micrel Semiconductor MIC921 Datasheet HTML 2Page - Micrel Semiconductor MIC921 Datasheet HTML 3Page - Micrel Semiconductor MIC921 Datasheet HTML 4Page - Micrel Semiconductor MIC921 Datasheet HTML 5Page - Micrel Semiconductor MIC921 Datasheet HTML 6Page - Micrel Semiconductor MIC921 Datasheet HTML 7Page - Micrel Semiconductor MIC921 Datasheet HTML 8Page - Micrel Semiconductor MIC921 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC921
Micrel
MIC921
2
December 2001
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – VV–) ........................................... 20V
Differentail Input Voltage (
V
IN+ – VIN–) .......... 4V, Note 3
Input Common-Mode Range (V
IN+, VIN–) .......... VV+ to VV–
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Storage Temperature (T
S) ........................................ 150°C
ESD Rating, Note 4 ................................................... 1.5kV
Operating Ratings (Note 2)
Supply Voltage (V
S) ....................................... ±2.5V to ±9V
Junction Temperature (T
J) ......................... –40°C to +85°C
Package Thermal Resistance
SC70-5 .............................................................. 450
°C/W
SOT23-5 ............................................................ 260
°C/W
Electrical Characteristics (
±5V)
V+ = +5V, V– = –5V, V
CM = 0V, RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
0.43
5
mV
V
OS
V
OS Temperature Coefficient
1
µV/°C
I
B
Input Bias Current
0.13
0.6
µA
I
OS
Input Offset Current
0.06
0.3
µA
V
CM
Input Common-Mode Range
CMRR > 72dB
–3.25
+3.25
V
CMRR
Common-Mode Rejection Ratio
–2.5V < V
CM < +2.5V
75
87
dB
PSRR
Power Supply Rejection Ratio
±3.5V < V
S < ±9V
95
105
dB
A
VOL
Large-Signal Voltage Gain
R
L = 2k, VOUT = ±2V
70
84
dB
R
L = 100Ω, VOUT = ±1V
85
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
+3.0
3.7
V
negative, R
L = 2kΩ
–3.7
–3.0
V
positive, R
L = 200Ω
+1.5
3.0
V
negative, R
L = 200Ω, Note 5
–2.5
–1.0
V
GBW
Unity Gain-Bandwidth Product
A
V = 1, CL = 1.7pF
37
MHz
PM
Phase Margin
46
°
BW
–3dB Bandwidth
A
V = 1, RL = 1kΩ, CL = 1.7pF
53
MHz
SR
Slew Rate
C=1.7pF, Gain=1, V
OUT=5V, peak to peak,
1500
V/
µs
negative SR = 1300V/
µs
I
SC
Short-Circuit Output Current
source
45
57
mA
sink
20
40
mA
I
S
Supply Current
No Load
0.30
0.50
mA
Input Voltage Noise
f = 10kHz
12
nV
√Hz
Input Current Noise
f = 10kHz
0.7
pA
√Hz
Electrical Characteristics
V+ = +9V, V– = –9V, V
CM = 0V, RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
0.4
5
mV
V
OS
Input Offset Voltage
1
µV/°C
Temperature Coefficient
I
B
Input Bias Current
0.13
0.6
µA
I
OS
Input Offset Current
0.06
0.3
µA
V
CM
Input Common-Mode Range
CMRR > 75dB
–7.25
+7.25
V
CMRR
Common-Mode Rejection Ratio
–2.5V < V
CM < +2.5V
75
87
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com