Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D1 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # PACUSBVB-D1
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSBVB-D1 Datasheet(HTML) 5 Page - California Micro Devices Corp

  PACUSBVB-D1 Datasheet HTML 1Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 2Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 3Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 4Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 5Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 6Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 7Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
09/18/02
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
5
3$&86%9%'''
3HUIRUPDQFH,QIRUPDWLRQ
&DSDFLWDQFH YV 9ROWDJH
7KH & FDSDFLWDQFH YDOXH DV D IXQFWLRQ RI '& YROWDJH
DFURVV LW LV SUHVHQWHG LQ )LJXUH  7KHFXUYHLV QRUPDO
L]HG WR D FDSDFLWDQFH RI  FDSDFLWDQFH XQLWV DW 
9'&
)LJXUH 'LRGH&DSDFLWDQFHYV'& 9ROWDJH 1RUPDOL]HG
,QVHUWLRQ/RVV YV)UHTXHQF\ &KDUDFWHULVWLFV
)LJXUH ,QVHUWLRQ /RVVYV)UHTXHQF\3HUIRUPDQFH &XUYH3$&86%9%' 627
'& 9ROWDJH


















Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com