Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D1 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # PACUSBVB-D1
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSBVB-D1 Datasheet(HTML) 8 Page - California Micro Devices Corp

  PACUSBVB-D1 Datasheet HTML 1Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 2Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 3Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 4Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 5Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 6Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 7Page - California Micro Devices Corp PACUSBVB-D1 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 09/18/02
3$&86%9%'''
0HFKDQLFDO'HWDLOV
3$&86%9%''' GHYLFHV DUH SDFNDJHGLQ
627 SDFNDJHV
627 0HFKDQLFDO6SHFLILFDWLRQV
'LPHQVLRQV IRU 3$&86%9%''' GHYLFHV SDFN
DJHGLQ D SLQ 627 SDFNDJH DUH SUHVHQWHG EHORZ
)RU FRPSOHWH LQIRUPDWLRQ RQ WKH 627 SDFNDJH
VHH WKH &DOLIRUQLD 0LFUR 'HYLFHV 627 3DFNDJH
,QIRUPDWLRQ GRFXPHQW
7KLV LV DQ DSSUR[LPDWH DPRXQW ZKLFK PD\ YDU\
3DFNDJH'LPHQVLRQV IRU 627
3$&.$*( ',0(16,216
3DFNDJH
627 -('(& QDPH LV 02
3LQV

'LPHQVLRQV
0LOOLPHWHUV
,QFKHV
0LQ
0D[
0LQ
0D[
$




$




E




F




'




(




(




H
 %6&
%6&
H
 %6&
 %6&
/




/
 5()
 5()
SHU WDSH
DQGUHHO
 SLHFHV
&RQWUROOLQJ GLPHQVLRQ PLOOLPHWHUV
0HFKDQLFDO3DFNDJH 'LDJUDPV
7239,(:




H
H
( (
E
$
6,'(9,(:
'
$
/
(1'9,(:
F
/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com