Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D3 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACUSBVB-D3
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSBVB-D3 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACUSBVB-D3 Datasheet HTML 1Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 2Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 3Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 4Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 5Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 6Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 7Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
09/18/02
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
1
3$&86%9%'''
86%'RZQVWUHDP3RUW7HUPLQDWRU
ZLWK 9%86(6'3URWHFWLRQ
)HDWXUHV
‡
$ ORZFDSDFLWDQFH 86% GRZQVWUHDP SRUW WHUPLQD
WRU (0,ILOWHU DQG WUDQVLHQW RYHUYROWDJHSURWHFWRU
LQ DVLQJOH VXUIDFHPRXQWHGSDFNDJH
‡
(6'SURWHFWLRQWR N9 FRQWDFWGLVFKDUJH SHU
0,/67''0HWKRG
‡
(6'SURWHFWLRQWR N9 FRQWDFWGLVFKDUJH SHU
,(&  ,QWHUQDWLRQDO 6WDQGDUG
‡
3URYLGHV(6'SURWHFWLRQIRU WKH 9%86 OLQH
‡
&RPSDFW627 SDFNDJH VDYHV ERDUG VSDFH
DQG ORZHUV PDQXIDFWXULQJ FRVWV FRPSDUHG WRGLV
FUHWHVROXWLRQV
‡
&DSDFLWRUV PDWFKHG WRD SUHFLVLRQ H[FHHGLQJ WKH
86% VSHFLILFDWLRQ
$SSOLFDWLRQV
‡
(6'SURWHFWLRQDQGWHUPLQDWLRQRI86%
GRZQVWUHDP SRUWV
‡
'HVNWRS3&V
‡
1RWHERRNV
‡
6HWWRS ER[HV
‡86% KXEV
3URGXFW 'HVFULSWLRQ
7KH 3$&86%9%''' LV D VLQJOHFKDQQHO 86%
GRZQVWUHDPSRUW WHUPLQDWLRQ QHWZRUN ,W LQWHJUDWHV
(0,5), ILOWHU FRPSRQHQWV 5 DQG & DV UHFRP
PHQGHG E\ WKH 86% VSHFLILFDWLRQ DV ZHOO DV WKH
UHTXLUHG NΩ SXOOGRZQ UHVLVWRUV 5 WR *1' ,Q
DGGLWLRQ 3$&86%9%''' SURYLGHV D YHU\ KLJK
OHYHO RI SURWHFWLRQ IRU VHQVLWLYH HOHFWURQLF FRPSRQHQWV
WKDW PD\ EH VXEMHFWHG WR HOHFWURVWDWLF GLVFKDUJH (6'
7KH GHYLFH SLQV ZLOO VDIHO\ GLVVLSDWH (6' VWULNHV RI
N9 H[FHHGLQJ WKH PD[LPXP UHTXLUHPHQWV RI WKH
,(&  LQWHUQDWLRQDO VWDQGDUG 8VLQJ WKH 0,/
67'' 0HWKRG  VSHFLILFDWLRQ IRU +XPDQ
%RG\ 0RGHO +%0 (6' DOO SLQV DUH SURWHFWHG IURP
FRQWDFWGLVFKDUJHV WR N9
7KH 3$&86%9%''' DOVR IHDWXUHV D ILIWK ]HQHU
GLRGH FDWKRGH DW SLQ  ZKLFK SURYLGHV (6' SURWHFWLRQ
IRUWKH 86% 9%86 OLQH
7KHUH DUH WKUHH RSWLRQV IRU WKH YDOXH RI WKH VHULHV
UHVLVWRU 5 Ω Ω DQG Ω
7KLV VHULHV UHVLV
WDQFH SOXV WKH 86% GULYHU RXWSXW UHVLVWDQFH PXVW EH
FORVH WR WKH 86% FDEOH¶V FKDUDFWHULVWLF LPSHGDQFH RI
Ω HDFK VLGH WR PLQLPL]H WUDQVPLVVLRQ OLQH UHIOHF
WLRQV
(OHFWULFDO 6FKHPDWLF
*1'





&
&
5
5
5
5

9&$


Similar Part No. - PACUSBVB-D3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSBVB-D3 ONSEMI-PACUSBVB-D3 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
PACUSBVB-D3Y6 ONSEMI-PACUSBVB-D3Y6 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
PACUSBVB-D3Y6R ONSEMI-PACUSBVB-D3Y6R Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
More results

Similar Description - PACUSBVB-D3

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSB200 CALMIRCO-PACUSB200 Datasheet
40Kb / 2P
USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
logo
California Micro Device...
PACUSB-D1 CALMIRCO-PACUSB-D1 Datasheet
315Kb / 9P
USB Downstream Port Terminator
logo
ON Semiconductor
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
USB Downstream Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com