Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D3 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACUSBVB-D3
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSBVB-D3 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACUSBVB-D3 Datasheet HTML 1Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 2Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 3Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 4Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 5Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 6Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 7Page - California Micro Devices Corp PACUSBVB-D3 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 09/18/02
3$&86%9%'''
2UGHULQJ ,QIRUPDWLRQ
1RWH  3DUWV DUH VKLSSHG LQ 7DSH 5HHO IRUP XQOHVV RWKHUZLVH VSHFLILHG
3,1'(6&5,37,216
3,16
1$0(
'(6&5,37,21

'&175
' 'DWD WR WKH 86% FRQWUROOHUFLUFXLWU\

*1'*URXQG 3LQ

' &175
' 'DWD WRWKH86% FRQWUROOHU FLUFXLWU\

'&211
' 'DWD WRWKH86% FRQQHFWRU
9%86
9%86 LQSXWSLQ

' &211
' 'DWD WR WKH 86% FRQQHFWRU
3$&.$*( 3,1287 ',$*5$06
SLQ 627
9&$






7RS 9LHZ
1RWH 7KH 3 VKRZQ LQ SDUW PDUNLQJV DERYH UHSUHVHQWV HLWKHU WKH GLJLW   RU 
1RWH 7KHVH GUDZLQJVDUH QRW WR VFDOH
' &175
*1'
' &175
' &211
' &211
3$57 180%(5,1* ,1)250$7,21
2UGHULQJ 3DUW1XPEHU
3LQV
5 9DOXH
3DFNDJH
3DUW 0DUNLQJ
3$&86%9%'<

 Ω
627
8'
3$&86%9%'<
 Ω
8'
3$&86%9%'<
 Ω
8'



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com