Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19WP18 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19WP18
Description  Trusted Platform Module (TPM)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WP18 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19WP18 Datasheet HTML 1Page - STMicroelectronics ST19WP18 Datasheet HTML 2Page - STMicroelectronics ST19WP18 Datasheet HTML 3Page - STMicroelectronics ST19WP18 Datasheet HTML 4Page - STMicroelectronics ST19WP18 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
DATA BRIEF
May 2004
For further information contact your local ST sales office.
ST19WP18
Trusted Platform Module (TPM)
5
PRODUCT FEATURES
I
SINGLE-CHIP TRUSTED PLATFORM
MODULE (TPM)
I
EMBEDDED TPM 1.2 FIRMWARE
I
FULL TPM SOLUTION WITH COMPLETE
TCG COMPLIANT SOFTWARE STACK
LAYERS
I
33-MHz LOW PIN COUNT (LPC)
INTERFACE V1.1
I
COMPLIANT WITH TCG PC CLIENT
SPECIFIC TPM IMPLEMENTATION
SPECIFICATION (TIS) V1.2
I
DEDICATED LPC COMMUNICATION
BUFFER FOR TPM COMMANDS HANDLING
OPTIMIZATION
I
TRUSTED COMPUTING GROUP (TCG)(1)
V1.1B / V1.2 CONFIGURABLE MODE OF
OPERATIONS
I
ARCHITECTURE BASED ON ST19W
SECURE SMARTCARD IC PLATFORM:
–
1088-bit Modular Arithmetic Processor
providing Full support for Asymmetric
operations
–
Hardware-based SHA-1 accelerator
enabling BIOS related fast hash
operations
–
FIPS 140-2 compliant Random Number
Generator
–
Active security sensors
I
EEPROM-BASED NVM INCLUDING 128
BYTES OF OTP AREA FOR PRODUCTION
CONFIGURATION
–
Highly reliable CMOS EEPROM
submicron technology
–
10 year data retention
–
500,000 Erase/Write cycle endurance
–
Storage for up to 30 keys
I
5 SOFTWARE-CONTROLLED GENERAL
PURPOSE I/O (GPIO) PINS
I
POWER SAVING MODE
I
AVAILABLE IN RECOMMENDED TCG PC
CLIENT 1.2 COMPATIBLE TSSOP28
I
3.3V ± 10% POWER SUPPLY VOLTAGE
I
0-70oC OPERATING TEMPERATURE
RANGE
Figure 1. Delivery Form
1. TCG website: http://www.trustedcomputinggroup.org
Function
Speed(1)
1.
Typical values, independent of external clock frequency and
supply voltage.
RSA 1024 bits signature with CRT(1)
62 ms
RSA 1024 bits signature without CRT(2)
2.
CRT: Chinese Remainder Theorem.
206 ms
RSA 1024 bits verification (e=’$10001’)4 ms
RSA 1024 bits key generation
1.8 s
RSA 2048 bits signature with CRT(2)
416 ms
RSA 2048 bits verification (e=’$10001’)
66 ms
TSSOP28


Similar Part No. - ST19WP18

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
2004-Apr
ST19WG34 STMICROELECTRONICS-ST19WG34 Datasheet
42Kb / 3P
Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
2004-Apr
ST19WG66 STMICROELECTRONICS-ST19WG66 Datasheet
42Kb / 3P
Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
2004-Apr
ST19WI18 STMICROELECTRONICS-ST19WI18 Datasheet
54Kb / 3P
SMASmartcard MCU With Modular Arithmetic Processor, I2C & 18 Kbytes High Density EEPROM
Apr-2004
ST19WK08 STMICROELECTRONICS-ST19WK08 Datasheet
58Kb / 3P
Smartcard MCU With Modular Arithmetic Processor & 8 Kbytes EEPROM
Apr-2004
More results

Similar Description - ST19WP18

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
Trusted Platform Module
logo
List of Unclassifed Man...
SSX35 ETC1-SSX35 Datasheet
240Kb / 14P
Trusted platform module (TPM)
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
Trusted Platform Module
logo
STMicroelectronics
ST19NP18-TPM STMICROELECTRONICS-ST19NP18-TPM Datasheet
82Kb / 5P
Trusted Platform Module (TPM)
05-Oct-2006
logo
ATMEL Corporation
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
Trusted Platform Module
logo
Axiomtek Co., Ltd.
SBC86860 AXIOMTEK-SBC86860 Datasheet
190Kb / 1P
TPM 1.2 trusted platform
logo
Nuvoton Technology Corp...
NPCT42X NUVOTON-NPCT42X Datasheet
292Kb / 25P
Trusted Platform Module (TPM)
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
Trusted Platform Module
Revision 1.0 2019-04-08
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
Trusted Platform Module
Revision 1.3 2018-09-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com