Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19WP18 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19WP18
Description  Trusted Platform Module (TPM)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19WP18 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19WP18 Datasheet HTML 1Page - STMicroelectronics ST19WP18 Datasheet HTML 2Page - STMicroelectronics ST19WP18 Datasheet HTML 3Page - STMicroelectronics ST19WP18 Datasheet HTML 4Page - STMicroelectronics ST19WP18 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ST19WP18
2/5
GENERAL DESCRIPTION
The ST19WP18 is a cost effective Trusted Plat-
form Module (TPM) solution. The ST19WP18 is
designed to provide PC platforms with enhanced
security and integrity mechanisms as defined by
Trusted Computing Group standards. The product
provides full support of TCG v1.1b as well as TCG
v1.2 specifications
The ST19WP18 is driven from the Smartcard IC
ST19W platform. It is manufactured using the ad-
vanced highly reliable STMicroelectronics CMOS
EEPROM technology.
The ST19WP18 has an 8-bit CPU architecture
and includes the following on-chip memories:
User ROM, User RAM and EEPROM with state of
the art security features. ROM, RAM and EEP-
ROM memories can be configured into partitions
with customized access rules.
The ST19WP18 also includes a Modular Arithme-
tic Processor (MAP). The 1088 bits architecture of
this cryptographic engine allows processing of
modular multiplication, squaring and additional
calculations up to 2176 bit operands.
The Modular Arithmetic Processor is designed to
speed up cryptographic calculations using Public
Key Algorithms.
The Secure Hash Accelerator allows fast SHA-1
computation especially well suited for BIOS hash
operations during early boot stages.
The ST19WP18 has been specially designed in
line with TCG PC Client Specific TPM Implemen-
tation Specification (TIS) referring to Intel’s LPC
Specification revision 1.0.
Figure 2. Block Diagram
INTERNAL BUS
MEMORY ACCESS FIREWALL
I/O0
1 x
Serial
interface
Gnd 2
8 bit
CPU
3 x
8 bit
Timers
CRC
module
CLK
Clock
Generator
module
ST ROM, MAP and DES FIREWALL
RAM
User ROM
ST ROM, RF
and Crypto
Libraries
EDES
Accelerator
MAP
1088 bits
514
Vcc 2
Gun A
&
Gun B
Security
Admin.
RESET
EEPROM
SHA
Module
5 x
General
purpose
I/Os
interface
Gpi/0
RAM 2K
LPC
interface
LFrame LPCPD
Lad3
Lad2
Lad1
Lad0
PP
SERIRQ
VBAT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com