Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2045C
Description  POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2045C Datasheet HTML 1Page - STMicroelectronics STPS2045C Datasheet HTML 2Page - STMicroelectronics STPS2045C Datasheet HTML 3Page - STMicroelectronics STPS2045C Datasheet HTML 4Page - STMicroelectronics STPS2045C Datasheet HTML 5Page - STMicroelectronics STPS2045C Datasheet HTML 6Page - STMicroelectronics STPS2045C Datasheet HTML 7Page - STMicroelectronics STPS2045C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
Table 1: Main Product Characteristics
IF(AV)
2 x 10 A
VRRM
45 V
Tj (max)
175°C
VF (typ)
0.57 V
STPS2045C
POWER SCHOTTKY RECTIFIER
REV. 5
A1
K
A2
A1
K
A2
TO-220AB
STPS2045CT
I2PAK
STPS2045CR
K
A1
A2
A1
K
A2
A1
A2
K
TO-220FPAB
STPS2045CFP
D2PAK
STPS2045CG
November 2004
FEATURES AND BENEFITS
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Insulated package: TO-220FPAB
Insulating voltage = 2000V DC
Capacitance = 12 pF
■ Avalanche rated
DESCRIPTION
Dual center tap Schottky rectifier suited for
SwitchMode Power Supply and high frequency
DC to DC converters.
Packaged either in TO-220AB, TO-220FPAB,
I2PAK, or D2PAK, this device is especially
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
Table 2: Order Codes
Part Number
Marking
STPS2045CT
STPS2045CT
STPS2045CFP
STPS2045CFP
STPS2045CG
STPS2045CG
STPS2045CG-TR
STPS2045CG
STPS2045CR
STPS2045CR


Similar Part No. - STPS2045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2045C STMICROELECTRONICS-STPS2045C Datasheet
536Kb / 15P
Power Schottky rectifier
14-Oct-2016
STPS2045C-Y STMICROELECTRONICS-STPS2045C-Y Datasheet
95Kb / 7P
Automotive power Schottky rectifier
24-May-2011
STPS2045CF STMICROELECTRONICS-STPS2045CF Datasheet
83Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS2045CFP STMICROELECTRONICS-STPS2045CFP Datasheet
536Kb / 15P
Power Schottky rectifier
14-Oct-2016
STPS2045CG STMICROELECTRONICS-STPS2045CG Datasheet
83Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
More results

Similar Description - STPS2045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com