Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESD05CL-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STESD05CL-C
Description  Low Capacitance ESD Protection (Bi-directional)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STESD05CL-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STESD05CL-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STESD05CL-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STESD05CL-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STESD05CL-C
40W, 5V
Low Capacitance ESD Protection (Bi-directional)
Elektronische Bauelemente
02-Nov-2017 Rev. C
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
Designed to protect voltage sensitive electronic components
from ESD and other transients. Excellent clamping capability,
low leakage, low capacitance, and fast response time provide best
in class protection on designsthat are exposed to ESD. The
combination of small size, low capacitance, and high level of ESD
protection makesthem a flexible solution for applications such as HDMI,
Display Port TM, and MDDI interfaces. It is designed to replace
multiplayer varistors (MLV) in consumer equipments applications such
as mobile phone, notebook, PAD, STB, LCD TV etc.
APPLICATIONS
Computers and Peripherals
High Speed Data Lines
Audio and Video Equipment
Cellular Handsets and Accessories
Subscriber Identity Module(SIM) Card Protection
FEATURES
Bi-Directional ESD Protection of One Line
Low Capacitance: 12pf(Typ.)
Low Reverse Stand-off Voltage: 5V
Low Reverse Clamping Voltage
Low Leakage Current
Excellent Package:1mm×0.6mm×0.5mm
Fast Response Time
JESD22-A114-B ESD Rating of Class 3B Per Human Body Model
IEC 61000-4-2 Level 4 ESD Protection
MARKING
2
1
PACKAGE INFORMATION
Package
MPQ
Leader Size
WBFBP-02C
10K
7 inch
ORDER INFORMATION
Part Number
Type
STESD05CL-C
Lead (Pb)-free and Halogen-free
WBFBP-02C
Bi-direction
1
1
1
1
2
2
2
2
A
C
B
F
M
M
G
J
H
K
E
D
L
H
Top View
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.95
1.05
G
0.25
0.35
B
0.55
0.65
H
0.25
0.35
C
0.44
0.55
J
0.275
0.47
D
0.470 REF.
K
0.555
0.725
E
0.420 REF.
L
0.010
0.100
F
0.27
0.37
M
0.030 REF.


Similar Part No. - STESD05CL-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
More results

Similar Description - STESD05CL-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05ML4 SECOS-KS05ML4 Datasheet
379Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
logo
FutureWafer Tech Co.,Lt...
FE0502A-0.4PF FUTUREWAFER-FE0502A-0.4PF Datasheet
926Kb / 5P
Bi-directional, Extra Low Capacitance ESD Protection
FESD05BLC-0.4PF FUTUREWAFER-FESD05BLC-0.4PF Datasheet
920Kb / 4P
Bi-directional, Extra Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
logo
FutureWafer Tech Co.,Lt...
FE0502A FUTUREWAFER-FE0502A Datasheet
926Kb / 5P
Bi-directional, Extra Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
STESDL05C-C SECOS-STESDL05C-C Datasheet
330Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com