Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESD05CL-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STESD05CL-C
Description  Low Capacitance ESD Protection (Bi-directional)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STESD05CL-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STESD05CL-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STESD05CL-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STESD05CL-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STESD05CL-C
40W, 5V
Low Capacitance ESD Protection (Bi-directional)
Elektronische Bauelemente
02-Nov-2017 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
IEC 61000-4-2 (ESD)
1
Air Contact
VESD
±25
KV
Contact Model
±25
JESD22-A114-B ESD Voltage
1
Per Human Body Model
±16
ESD Voltage
1
Machine Model
±0.4
Peak Pulse Power
2
PPP
40
W
Peak Pulse Current
2
IPP
4
A
Lead Solder Temperature-Maximum (10 Second Duration)
TL
260
°C
Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
Device stressed with ten non-repetitive ESD pulses.
2.
Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Reverse Stand off Voltage
1
VRWM
-
-
5
V
Reveres Leakage Current
IR
-
-
0.1
µ
A
VRWM=5V
Reveres Breakdown Voltage
VBR
5.8
-
8
V
IT=1mA
Clamping Voltage
2
VC
-
-
10
V
IPP=4A
Junction Capacitance
CJ
-
12
15
pF
f=1MHz, VR=0
Notes:
1. Other voltages available upon request.
2. Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC61000-4-5.
ESD STANDARDS COMPLIANCE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com