Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4AF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S4AF
Description  Peak Power Surface Mount TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S4AF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S4AF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S4AF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S4AF Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S4AF Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
S4AF SERIES
5V ~ 85V, 400W
Peak Power Surface Mount TVS
05-Jun-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and lead-free
FEATURES
Constructed with Glass Passivated Die
400W peak pulse power Dissipation
Excellent clamping capability
Very fast response time
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Case Material: Molded Plastic. UL
Flammability Classification Rating 94V-0
Terminals: Lead Free Plating (Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Mounting position: Any
Weight: 0.035 grams (approximate)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAF
10K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
Rating
Symbol
Value
Unit
Peak Power Dissipation with a 10/1000µs waveform
PPP
Minimum 400
W
Peak Pulse Current
IPP
See next table
A
Power Dissipation on a infinite heatsink @TA=50°C
PD
1
W
Peak Forward Surge Current@ 8.3ms single Half
Sine-Wave
1
IFSM
40
A
Maximum Instantaneous Forward voltage@35A
VF
3.5
V
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Note:
1.
Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
SMAF
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.95
4.60
D
0.75
1.50
B
2.25
2.95
E
1.25
1.65
C
4.80
5.60
F
0.90
1.10


Similar Part No. - S4AF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4A TSC-S4A Datasheet
49Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A Datasheet
279Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A Datasheet
457Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
S4A TSC-S4A Datasheet
192Kb / 2P
4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4A LUGUANG-S4A Datasheet
237Kb / 2P
4.0AMPS. Surface Mount Rectifiers
More results

Similar Description - S4AF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
5000W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
3000W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
400W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com