Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ15005 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBJ15005
Description  15Amp Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBJ15005 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBJ15005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBJ15005 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBJ15005~KBJ1510
Voltage 50V~1000V
15Amp Glass Passivated Bridge Rectifiers
Elektronische Bauelemente
14-Dec-2017 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass Passivated Chip
High Surge Forward Current Capability
APPLICATIONS
General Purpose 1 Phase Bridge
Rectifier Applications
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Part Number
Unit
KBJ
15005
KBJ
1501
KBJ
1502
KBJ
1504
KBJ
1506
KBJ
1508
KBJ
1510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Average Rectified
Output Current @60Hz
Sine Wave, R-load
With Heatsink,
TC=80°C
IO
15
A
Without Heatsink,
TA=25°C
3.6
Surge (Non-repetitive) Forward Current
@60Hz Sine Wave, 1 cycle, TJ=25°C
IFSM
220
A
Current Squared Time @1ms≦t<8.3ms,
TJ=25°C, Rating of Per Diode
I
2t
201
A
2S
Dielectric Strength
@Terminals to Case, AC 1 minute
VDIS
2
KV
Mounting Torque
@Recommend Torque: 5kg‧cm
Tor
8
Kg‧cm
Peak Forward Voltage @IFM=10A, Pulse
Measurement, Rating of Per Diode
VFM
1
V
Peak Reverse Current @VRM=VRRM, Pulse
Measurement, Rating of Per Diode
IRRM
5
µA
Thermal Resistance
Without Heatsink
RθJA
25
°C/W
With Heatsink
RθJC
1.8
Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Part Number
Type
KBJ15005~KBJ1510
Lead (Pb)-free
KBJ15005-C~KBJ1510-C
Lead (Pb)-free and Halogen-free
4KBJ
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
24.7
25.3
J
0.6
0.8
B
14.7
15.3
K
7.3
7.7
C
4.4
4.8
L
1.7
2.1
D
17.0
18.0
M
2.0 TYP.
E
3.0 x 45°
N
1.05
1.45
F
3.1
3.4
P
3.3
3.8
G
4.0
Q
9.5
10.1
H
3.2
3.4
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Similar Part No. - KBJ15005

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ15005 RFE-KBJ15005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
KBJ15005 CHENDA-KBJ15005 Datasheet
905Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBJ15005 DGNJDZ-KBJ15005 Datasheet
445Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ15005 YFWDIODE-KBJ15005 Datasheet
634Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
More results

Similar Description - KBJ15005

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBJ15005 CHENYI-GBJ15005 Datasheet
57Kb / 2P
15Amp glass passivated bridge rectifier 50to1000 volts
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
DIYI Electronic Technol...
KBPC15005 DYELEC-KBPC15005 Datasheet
3Mb / 3P
SINGLE PHASE 15AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
GBU15005 SECOS-GBU15005_18 Datasheet
246Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GL1506B SECOS-GL1506B Datasheet
441Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GBJL1506 SECOS-GBJL1506 Datasheet
314Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
GBJ15005 SECOS-GBJ15005_15 Datasheet
204Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com