Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT40 Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # IRKT40
Description  POWER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

IRKT40 Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  IRKT40 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTERNATIONAL
POWER MODULE
IRKT40,IRKH40
2
www.rectifierindia.com
April 2011
Fig. 1L Power dissipation per thyristor vs. on-state current
Fig. 1R Power dissipation per thyristor vs. ambient temp.
Fig. 2L Power dissipation per module vs. rms current
Fig. 2R Power dissipation per module vs. case temp.
Fig. 3L Power dissipation of two modules vs. direct current
Fig. 3R Power dissipation of two modules vs. case temp.
IRKT40
IRKH 40
IRKT40
IRKH 40
IRKT40
IRKH 40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com