Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT40 Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part # IRKT40
Description  POWER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

IRKT40 Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  IRKT40 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 3Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 4Page - Insel Rectifier India Pvt. Ltd. IRKT40 Datasheet HTML 5Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTERNATIONAL
1
www.rectifierindia.com
April 2011
POWER MODULE
IRKT40,IRKH40
ITAV
IRMS
Sin. 180; Tcase =85 C
Ta = 45 C
40 amp.
110 amp.
ITSM
I
2t
Tvj=25 C; 10ms
Tvj=25 C
1000 amp.
5000 A
2S
IRRM/ IDRM
Tvj=25 C
Tvj=125 C
2 mA
15 mA
VT
V0
R0
Tvj=25 C (IT =200 Amp.); max
Tvj=125 C
Tvj=125 C
1.95 V
1 V
4.5 m
IGT
VGT
IH
IL
Tvj=25 C
Tvj=25 C
Tvj=25 C Typical value
Tvj=25 C Typical value
150 mA
3.0 V
250 mA
600 mA
Rth(j-c)
Rth(c-h)
Tvj
Tstg
Cont.
}
Sin. 180
} per thyristor/per module
Sin. 120
}
Per thyristor/per module
0.65/0.33 C/W
0.69/0.35 C/W
0.73/0.37 C/W
0.20/0.10 C/W
125 C
Mounting torque
5 Nm/Per bolt
Weight
Approx.
95 gms
V(isol)
Ac 50 Hz rms 1 min
3000 volts
IR-1
(-) 40 to
(+)125 C
SYMBOL
CONDITIONS
VALUES
Package Outline
L
Heat transfer through ceramic.
Hard solder joints for high reliabilty
Isolated base mounting
TYPICAL APPLICATIONS
VRSM
(V)
IRKT40/12, IRKH40/12
1200
1300
IRKT40/16, IRKH40/16
1600
1700
MODULE
DEVICE TYPE
DC motor control
AC motor soft starters
Temperature control for oven
Chemical processes and professional light dimming
FEATURES
TECHNICAL DATA
IRKT40/20, IRKH40/20
2000
2100
IRKT40/22, IRKH40/22
2200
2300
VRRM
(V)


Similar Part No. - IRKT40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRKT41 VISHAY-IRKT41 Datasheet
337Kb / 12P
Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
23-Apr-08
logo
International Rectifier
IRKT41/04A IRF-IRKT41/04A Datasheet
233Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT41/04AS90 IRF-IRKT41/04AS90 Datasheet
233Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT41/06A IRF-IRKT41/06A Datasheet
233Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT41/06AS90 IRF-IRKT41/06AS90 Datasheet
233Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKT40

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
Power Module
M20W BOURNS-M20W Datasheet
183Kb / 2P
Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
Power Module
logo
Solid States Devices, I...
PM0004 SSDI-PM0004 Datasheet
63Kb / 2P
POWER MODULE
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
POWER MODULE
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
POWER MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com