Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST486DX
Description  ST 486 DX ASIC CORE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 2 Page - STMicroelectronics

  ST486DX Datasheet HTML 1Page - STMicroelectronics ST486DX Datasheet HTML 2Page - STMicroelectronics ST486DX Datasheet HTML 3Page - STMicroelectronics ST486DX Datasheet HTML 4Page - STMicroelectronics ST486DX Datasheet HTML 5Page - STMicroelectronics ST486DX Datasheet HTML 6Page - STMicroelectronics ST486DX Datasheet HTML 7Page - STMicroelectronics ST486DX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ST 486 DX ASIC CORE
2/8
®
PRODUCT OVERVIEW
The ST 486 DX core is based on the design of the
SGS-THOMSON standard 486 DX4 product. The
core is capable of operating at the “external” bus
speed or at two or three times the bus speed up to
a maximum of 120MHz. Since the design is fully
static the core can operate at any frequency
between
D.C
and
120MHz.
The
core
is
manufactured on a high performance, low voltage,
five level metal, HCMOS 0.35 micron process to
achieve sub-nanosecond internal speeds while
offering very low power dissipation and high noise
immunity. The potential total gate count for
application specific devices exceeds 2 million
equivalent usable gates. The core operates over a
Vdd voltage range of 2.2 to 3.6 volts.
The core comes available with a full range of SSI,
MSI libraries as well as generators for SPRAM,
DPRAM, ROM.
Where process and design
philosophy permit it is possible to integrate
existing “standard DEVICES” within a 486 core
design. A full set of “chipset” function blocks are
available to build support subsystems on chip
blocks such as IDE controller, PCI bridge, DRAM
controller etc.
The I/O can be configured for circuits ranging from
low voltage CMOS and TTL to 200 MHz plus low
swing differential circuits.
CLOCK-TRIPLED CPU CORE
The ST486DX Core in DX4 mode provides up to
2.8 times the performance of a 486DX at the same
“external”
clock
frequency.
This
level
of
performance is achieved by tripling the frequency
of the input clock and using the resulting signal to
drive the CPU core.
To further enhance this
architecture, the ST486DX Core reduces the
performance penalty of slow external memory
accesses through use of an on-chip write-back
cache and eight write buffers.
The CPU core consists of a five-stage pipeline
optimized for minimal instruction cycle times and
includes all necessary hardware interlocks to
permit successive instruction execution overlap.
The execution stage of the pipeline executes
simple but frequently used instructions in a single
clock cycle and the hardware multiplier executes
16-bit integer multiplications in only three clocks.
ON-CHIP WRITE-BACK CACHE
The
ST486DX
Core on-chip cache
can
be
configured to run in traditional write-through mode
or in a higher performance write-back mode. The
write-back cache mode was specifically designed
to optimize performance of the CPU core by
eliminating
bus
bottlenecks
caused
by
unnecessary external write cycles.
This write-
back
architecture
is
especially
effective
in
improving
performance
of
the
clock-tripled
ST486DX4 Core.
Traditional
write-through
cache
architecture
require that all writes to the cache also update
external
memory
simultaneously.
These
unnecessary write cycles create bottlenecks which
result
in
CPU
stalls
and
adversely
impact
performance.
In
contrast,
a
write-back
architecture allows data to be written to the cache
without updating external memory. With a write-
back cache, external write cycles are only required
when a cache miss occurs, a modified line is
replaced in the cache, or when an external bus
master requires access to data.
The ST486DX Core cache is an 8-Kilobyte unified
instruction and data cache implemented using a
four-way set associative architecture and a least
recently used (LRU) replacement algorithm. The
cache is designed for optimum performance in
write-back mode, however, the cache can be
operated in write-through mode. The cache line
size is 16 bytes and new lines are only allocated
during memory read cycles.
Valid status is
maintained on a 16-byte cache line basis, but
modified or "dirty" status for write-back mode is
maintained on a 4-byte (double-word) basis.
Therefore, only the double-words that have been
modified are written back to external memory
when a line is replaced in the cache. The CPU
core can access the cache in a single internal
clock cycle for both reads and writes.
FPU OPERATIONS
Since the FPU is resident within the CPU, the
overhead
associated
with
external
maths
capriciousness cycles is eliminated. If the FPU is
not in use, the FPU is automatically powered
down.
This
feature
reduces overall
power
consumption.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com