Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST486DX Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST486DX
Description  ST 486 DX ASIC CORE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Datasheet(HTML) 3 Page - STMicroelectronics

  ST486DX Datasheet HTML 1Page - STMicroelectronics ST486DX Datasheet HTML 2Page - STMicroelectronics ST486DX Datasheet HTML 3Page - STMicroelectronics ST486DX Datasheet HTML 4Page - STMicroelectronics ST486DX Datasheet HTML 5Page - STMicroelectronics ST486DX Datasheet HTML 6Page - STMicroelectronics ST486DX Datasheet HTML 7Page - STMicroelectronics ST486DX Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
ST 486 DX ASIC CORE
®
SYSTEM MANAGEMENT MODE
System Management Mode (SMM) provides an
additional interrupt and a separate address space
that can be used for system power management
or
software
transparent
emulation
of
I/O
peripherals.
SMM is entered using the System
Management
Interrupt
(SMI#)
or
SMINT
instruction.
While running in isolated SMM
address space, the SMI interrupt routine can
execute without interfering with the operating
system or application programs.
After entering SMM, portions of the CPU state are
automatically saved. Program execution begins at
the base of SMM address space.
The location
and size of the SMM memory are programmable
within the ST486DX Core. Eight SMM instructions
have been added to the 486 instruction set that
permit software entry into SMM, as well as saving
and restoring the total CPU state when in SMM
mode.
POWER MANAGEMENT
The ST486DX Core power management features
allow for a dramatic improvement in battery life
over
systems
designed
with
non-static
486
processors.
During suspend mode the typical
current consumption is less than 1 percent of the
full operation current.
Suspend mode is entered by either a hardware or
a software initiated action.
Using the hardware
method to initiate suspend mode involves a two-
pin handshake between the SUSP# and SUSPA#
signals. The software can initiate suspend mode
through the execution of the HALT instruction.
Once in suspend mode, the ST486DX Core power
consumption is further reduced by stopping the
external clock input. The resulting current draw is
typically 450 µA.
Since the ST486DX Core is
static, no internal data is lost when the clock is
stopped.
SIGNAL SUMMARY
The ST486DX Core signal set includes ten cache
interface signals, two capriciousness interface
signals, two power management signals, two
system management mode signals, one power
supply voltage control signal and one clock
multiplier control signal.
LIBRARY
The following section details the elements which
make up the ST486DX core HCMOS6 library. The
elements are organised into three categories:
- Macrocell & Macrofunctions
- Module generators
- Embedded Functions
MACROCELLS AND MACROFUNCTIONS
The HCMOS 6 library has internal macrocells that
are robust in variety and performance. The cell
selection has been driven by the need of synthesis
and HDL based design techniques. This offering is
rich in buffers, complex combinatorial cells and
multi power drive cells, which allow the synthesis
tool to create a netlist compatible with the
requirements of Place and Route tools.
Macrofunctions are implemented at layout by
utilizing macrocells and interconnecting to create
the logic function. The Macrofunctions include all
the blocks needed to build a full PC chipset sub-
system.
Examples include DRAM controller, UART, DMA
controller, Interrupt Controller, Interval Timer, IDE
Controller, RTC, PCI Controller, MIDI port, etc.
MODULE GENERATORS
A series of module generators are available to
support a range of megafunctions. These modules
enable
the
designer
to
choose
individual
parameters in order to create a compiled cell,
which meets the specific application requirements.
Generators are available for megafunctions such
as single port RAM and dual port RAM and ROM.
The compiled cell generators construct custom
cells, which are implemented using a special leaf
cell technique, ensuring predictable layout and
accurate module characteristics.
In choosing megafunctions the designer can
consider the trade-offs between speed and area to
generate a fully customized cell which meets their
specific device requirements.
EMBEDDED FUNCTIONS
Embedded
megacells
allow
access
to
technologies that have been hitherto the domain of
standard products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com