Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-945 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ADS-945
Description  14-Bit, 10MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADS-945 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ADS-945 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-945 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-945 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-945 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-945 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-945 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-945 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-945 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADS-945
7
®®
Figure 7. ADS-945 Histogram and Differential Nonlinearity
Figure 8. ADS-945 Dynamic Performance vs. Input Frequency at +25°C
0
Digital Output Code
0
16,384
+0.39
0
–0.29
16,384
Digital Output Code
SNR+D vs. Input Frequency
SNR vs. Input Frequency
THD vs. Input Frequency
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
PH vs. Input Frequency
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
10000
100000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com