Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-945 Datasheet (PDF) - List of Unclassifed Manufacturers

ADS-945 Datasheet PDF - List of Unclassifed Manufacturers
Part # ADS-945
Download  ADS-945 Download
File Size   169.97 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 14-Bit, 10MHz Sampling A/D Converters

ADS-945 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-945 Datasheet PDF - List of Unclassifed Manufacturers

Part # ADS-945
Download  ADS-945 Click to download

File Size   169.97 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 14-Bit, 10MHz Sampling A/D Converters

ADS-945 Datasheet (HTML) - List of Unclassifed Manufacturers


ADS-945 Product details

[Datel]

GENERAL DESCRIPTION
The low-cost ADS-945 is a high-performance, 14-bit, 10MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. The dynamic performance of the ADS-945 has been optimized to achieve a THD of –80dB and a SNR of 75dB.

FEATURES
• 14-bit resolution
• 10MHz minimum throughput
• Functionally complete
• No missing codes
• Low power, 4.0W
• Excellent dynamic performance
• Internally clamped input
• Edge triggered
• TTL compatible
• 2" x 4" module
• Very low profile




Similar Part No. - ADS-945

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-945 DATEL-ADS-945 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-945-C DATEL-ADS-945-C Datasheet
105Kb / 1P
Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-945EX MURATA-PS-ADS-945EX Datasheet
170Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-945EX DATEL-ADS-945EX Datasheet
105Kb / 1P
Sampling A/D Converters
More results


Similar Description - ADS-945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
14-Bit, 5MHz Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
500kHz, 14-Bit Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
16-Bit, 10MHz Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
14-Bit, 5MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com