Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECR
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP6131DECR Datasheet HTML 5Page - Texas Instruments TMP6131DECR Datasheet HTML 6Page - Texas Instruments TMP6131DECR Datasheet HTML 7Page - Texas Instruments TMP6131DECR Datasheet HTML 8Page - Texas Instruments TMP6131DECR Datasheet HTML 9Page - Texas Instruments TMP6131DECR Datasheet HTML 10Page - Texas Instruments TMP6131DECR Datasheet HTML 11Page - Texas Instruments TMP6131DECR Datasheet HTML 12Page - Texas Instruments TMP6131DECR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
TMP61
www.ti.com
SBOS921 – DECEMBER 2018
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
(1)
Assuming ideal current source
(2)
Table defined based on 4th order equation
Table 1. TMP61 Transfer Table Using an Ideal IBias of 200 µA
TEMPERA
TURE (°C)
Resistance (Ω)
ΔR/ΔT
(Ω/°C)
Temperature Error(1)(2)
(°C)
Min.
Typ.
Max.
-40
6445
6543
6641
42
2.32
–35
6657
6759
6860
44
2.30
–30
6879
6983
7088
46
2.29
–25
7109
7217
7325
48
2.28
–20
7347
7459
7571
49
2.27
–15
7594
7710
7825
51
2.27
–10
7849
7968
8088
53
2.27
–5
8112
8235
8359
54
2.28
0
8425
8510
8595
56
1.53
5
8704
8792
8880
57
1.53
10
8992
9083
9173
59
1.54
15
9287
9381
9475
60
1.55
20
9590
9687
9783
62
1.56
25
9900
10000
10100
63
1.58
30
10218
10321
10424
65
1.59
35
10544
10650
10757
67
1.60
40
10877
10987
11097
68
1.61
45
11218
11332
11445
70
1.62
50
11568
11685
11801
71
1.64
55
11925
12045
12166
73
1.65
60
12291
12415
12539
75
1.66
65
12665
12792
12920
76
1.67
70
13047
13179
13311
78
1.69
75
13371
13574
13778
80
2.55
80
13769
13979
14188
82
2.56
85
14177
14393
14608
84
2.58
90
14594
14816
15038
86
2.59
95
15021
15250
15479
88
2.61
100
15458
15694
15929
90
2.62
105
15906
16148
16391
92
2.63
110
16365
16614
16863
94
2.64
115
16835
17091
17348
97
2.65
120
17317
17581
17844
99
2.66
125
17811
18082
18353
102
2.67
(1)
Table defined based on 4th order equation
(2)
Assuming ideal voltage source, 10kΩ with ±0.01% RBias
Table 2. TMP61 Transfer Table Using a Voltage Divider With an Ideal VBias of 2.5 V and RBias of 10 kΩ
With ±0.01% Tolerance
TEMPERA
TURE (°C)
Resistance (Ω)(1)
ΔR/ΔT
(Ω/°C)
Temperature Error(2)
(°C)
Min.
Typ.
Max.
-40
6411
6508
6606
41
2.39
–35
6617
6717
6818
43
2.35
–30
6833
6937
7041
45
2.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com