Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP6131DECR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECR
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Datasheet(HTML) 1 Page - Texas Instruments

  TMP6131DECR Datasheet HTML 1Page - Texas Instruments TMP6131DECR Datasheet HTML 2Page - Texas Instruments TMP6131DECR Datasheet HTML 3Page - Texas Instruments TMP6131DECR Datasheet HTML 4Page - Texas Instruments TMP6131DECR Datasheet HTML 5Page - Texas Instruments TMP6131DECR Datasheet HTML 6Page - Texas Instruments TMP6131DECR Datasheet HTML 7Page - Texas Instruments TMP6131DECR Datasheet HTML 8Page - Texas Instruments TMP6131DECR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
VTemp = VBias X RTMP61
RBias + RTMP61
VTemp = IBias X RTMP61
VBias
RBias
RTMP61
+
VTEMP
-
IBias
+
VTEMP
-
RTMP61
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
5
10
15
20
25
d001
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TMP61
SBOS921 – DECEMBER 2018
TMP61 Silicon-Based Linear Thermistor for Temperature Sensing
1
1 Features
1
•
Silicon-Based Thermistor With a
Positive Temperature Coefficient (PTC)
•
Linear Resistance Change With Temperature
–
Simplifies Resistance-to-Temperature
Conversion
–
Decrease Accuracy Spread Compared to Non-
Linear Negative Temperature Coefficient
(NTC) Thermistor-Based Circuits Across a
Wide Temperature Range
•
10-k
Ω Nominal Resistance at 25°C (R25)
–
±1% Maximum (0°C to 70°C)
•
Consistent Sensitivity Across Temperature
–
6400 ppm/°C TCR (25°C)
–
0.2% Typical TCR Tolerance Across
Temperature (-40°C to 125°C)
•
Wide Operating Temperature:
–
–65 to +150°C
•
Fast Thermal Response Time:
–
0.6s (DEC package)
•
Long Lifetime and Robust Performance
–
Ultra low power consumption compared to
traditional NTCs that lower errors due to self
heating
–
Built-in fail-safe in case of short circuit failures
–
<1% Maximum Drift after high temperature and
high humidity stress tests
•
Available Package Options:
–
X1SON (DEC/0402 Footprint)
–
TO-92S (LPG)
(Contact Representative for Availability)
2 Applications
•
Temperature Measurement And Monitoring
•
Thermal Compensation
•
Thermal Protection (With Comparator)
3 Description
The TMP61xx series of Silicon Linear Thermistors
has a linear positive temperature coefficient (PTC)
that results in a uniform, consistent temperature
coefficient resistance (TCR) across a wide operating
temperature range. These devices are designed for
temperature measurement, protection, compensation,
and control systems. Compared to traditional NTC
thermistors, the TMP61xx series of devices offers
enhanced linearity and consistent sensitivity across
the full temperature range. They also have robust
performance due to their immunity to environmental
variation and their built-in fail-safe behavior at high
temperatures. These devices are currently available
in a 2-pin, surface-mount, 0402 footprint-compatible
X1SON package and a 2-pin, through-hole, mini-
sized transistor-outline TO-92S package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP61
X1SON
0.60 mm × 1.00 mm
TO-92S (2)(2)
4.00 mm × 3.15 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) This package is in preview
SPACER
Typical Implementation Circuits
Typical Resistances vs Ambient Temperature


Similar Part No. - TMP6131DECR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP6131DECR TI1-TMP6131DECR Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP6131DECR TI1-TMP6131DECR Datasheet
1Mb / 36P
TMP61 Small Silicon-Based Linear Thermistor for Temperature Sensing
More results

Similar Description - TMP6131DECR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA330 BURR-BROWN-INA330 Datasheet
245Kb / 12P
THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
SMD PTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
SMD NTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
SMD NTC Thermistor for Temperature Sensing
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_V01 Datasheet
1Mb / 36P
TMP61 Small Silicon-Based Linear Thermistor for Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com