Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGP20B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FGP20B
Description  Glass Passivated Ultrafast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP20B Datasheet(HTML) 2 Page - Vishay Siliconix

  FGP20B Datasheet HTML 1Page - Vishay Siliconix FGP20B Datasheet HTML 2Page - Vishay Siliconix FGP20B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88877
10-Aug-05
FGP20B thru FGP20D
Vishay Semiconductors
Electrical Characteristics
TA = 25 °C unless otherwise specified
Thermal Characteristics
TA = 25 °C unless otherwise specified
Notes:
(1) Thermal resistance from junction to ambient 0.375" (9.5 mm) lead length mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads.
(2) Thermal resistance from junction to lead at 0.375" (9.5 mm) lead length with both leads attached to heatsinks
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
FGP20B
FGP20C
FGP20D
Unit
Maximum instantaneous forward
voltage
at 2.0 A
VF
0.95
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
TA = 100 °C
IR
2.0
50
µA
Maximum reverse recovery time
at IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
ns
Typical junction capacitance
at 4.0 V, 1 MHz
CJ
45
pF
Parameter
Symbol
FGP20B
FGP20C
FGP20D
Unit
Typical thermal resistance (1, 2)
RθJA
RθJL
60
20
°C/W
Figure 1. Maximum Forward Current Derating Curve
0
3.0
Lead Temperature (°C)
2.0
1.0
P.C.B. with 12 x 12 mm
Copper Pads
0
25
50
75
100
125
150
175
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
10
20
30
40
50
60
1
100
10
Number of Cycles at 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com