Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGP20B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FGP20B
Description  Glass Passivated Ultrafast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP20B Datasheet(HTML) 3 Page - Vishay Siliconix

  FGP20B Datasheet HTML 1Page - Vishay Siliconix FGP20B Datasheet HTML 2Page - Vishay Siliconix FGP20B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FGP20B thru FGP20D
Document Number 88877
10-Aug-05
Vishay Semiconductors
www.vishay.com
3
Package outline dimensions in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
0.4
0.6
0.8
1
1.2
1.4
InstantaneousForward Voltage (V)
0.01
0.1
10
1
100
TJ =25 °C
Pulse Width = 300
µs
1% Duty Cycle
0.2
Tj = 25 °C
Tj = 125 °C
Tj = 150 °C
Tj = 175 °C
Percent of Rated Peak Reverse Voltage (%)
0.001
0.01
1
0.1
10
100
Tj = 175 °C
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
020
40
60
80
100
Figure 5. Typical Junction Capacitance
Reverse Voltage (V)
0.1
10
100
1000
1
1
10
100
0.034 (0.86)
0.028 (0.71)
Dia.
0.140 (3.6)
0.104 (2.6)
Dia.
0.230 (5.8)
0.300 (7.6)
1.0 (25.4)
min.
1.0 (25.4)
min.
DO-204AC (DO-15)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com