Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS34118CS28 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
8
Version: E1608
APPLICATION INFORMATION (CONTINUE)
Level Detectors
There are four level detectors-two on the receive side and two on the transmit side. Refer to Figure 4. The terms in
parentheses from one system, and the other terms from one system. Each level detector is a high gain amplifier
with back-to-bank diodes in the feedback path, resulting in non-linear gain, which permits operation over a wide
dynamic range of speech levels. The sensitivity of each level detector is determined by the external resistor and
capacitor at each input (TLI1, TLI2, RLI1 and RLI2). Each output charge an external capacitor through a diode and
limiting resistor, thus providing a do representation of the input as signal level. The outputs have a quick rise time
(determined by the capacitor and an internal 350Ω resistor), and a slow decay time set by an internal current
source and the capacitor. The capacitors on the four outputs should have the same value (±10%) to prevent timing
problems. Referring to Figure 2, on the receives side, one level detector (RLI1) is at the receive input receiving thus
same signal as at Tip and Ring, and the other (PLI2) is at the output of the speaker amplifier. On the transmit side,
one level detector (TLI2) is at the output of the microphone amplifier, while the other (TLI1) is at the hybrid output.
Outputs RLO1 and TLO1 feed a comparator, the output of which goes to the Attenuator Control Block. Likewise,
outputs RLO2 and TLO2 feed a second comparator which also goes to the Attenuator Control Block. The touch
table for the effects of the level detectors on the Control Block is given in the section describing the Control Block.
Figure 4. Level Detector
Volume Control
The volume control input at VCI (pin 13) is sensed as a voltage with respect to VB. The volume control affects the
attenuators only in the receive mode. It has no effect in the idle or transmit modes.
When in the receive mode, the gain of the receive attenuator will be +6.0dB, and the gain of the transmit attenuator
will be –46dB only when VCI is equal to VB. As VCI is reduced below VB, the gain of the receive attenuator is
reduced (see Figure 14), and the gain of the transmit attenuator is increased such that their sum remains constant.
Changing the voltage at VCI changes the voltage at CT (see the Attenuator Control Block section), which in turn
controls the attenuators.
The volume control setting does not affect the maximum attenuator input signal at which noticeable distortion
occurs. The bias current at VCI is typically 60nA out of the pin, and does not vary significantly with the VCI voltage
or with VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com