Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS34118CS28 Datasheet(PDF) 13 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS28
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS28 Datasheet(HTML) 13 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS28 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 15Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 16Page - Taiwan Semiconductor Company, Ltd TS34118CS28 Datasheet HTML 17Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TS34118CS28
Taiwan Semiconductor
13
Version: E1608
APPLICATION INFORMATION (CONTINUE)
Power Supply, VB, and Chip Disable
The power supply voltage at VCC (pin 4) is to be between 3.5 and 6.5V for normal operation, with reduced operation
possible down to 2.8V. The power supply current is shown in Figure 18 for both the power-up and power-down
mode. The output voltage at VB (pin 15) is ≈ (VCC-0.7)/2, and provides the ac ground for the system. The output
impedance at VB is ≈400Ω and in conjunction with the external capacitor at VB, forms a low pass filter for power
supply rejection with different capacitors. The choice of capacitor is application dependent base on whether the
circuit is powered by the telephone line or a power supply. Since VB biases the microphone and hybrid amplifiers,
the amount of supply rejection at their outputs is directly related to the rejection at VB, as well as their respective
gains. Depicts this graphically. The Chip Disable (pin 3) permits powering down the IC to conserve power and/or
for muting purposes. With CD≤0.8V, normal operation is in effect. With CD ≥ 2V and ≤ VCC, the IC is powered down.
In the powered down mode, the microphone and the hybrid amplifiers are disable, and their outputs go to a high
impedance state. Additionally, the bias is removed from the level detectors. The bias is not removed from the filter
(pins 1,2). The attenuators (pin 8,9, 21, 22), or from pin 13,14, and 15 (the attenuators are disabled, however, and
will not pass a signal). The input impedance at CD is typically 90kΩ, has a threshold of ≈ 1.5V, and the voltage at
this pin must be kept within the range of ground and VCC. If CD is not used, the pin should be grounded.
Switching Time
The switching time of the TS34118 circuit is dominated by the components at CT (pin 14, refer to Figure 6), and
secondarily by the capacitors at the level detector outputs (RLO1, RLO2, TLO1, TLO2).
The time to switch to receive or to transmit from idle is determined by the capacitor at CT, together with the internal
current sources (refer to Figure 6). The switching time is:
ΔT=ΔV × CT / I
For the typical cause where ΔV=240mV, I=60μA. And CT is 50μF, ΔT=20ms. If the circuit switches directly from
receive to transmit (or vice-versa), the total switching time would be 40ms.
The switching time from either receive or transmit to idle depends on which type of idle mode is in effect. If the
circuit is going to “fast idle”, the time constant is determined by the CT capacitor, and the internal 2.0kΩ resistor
(Figure 6). With CT = 5μF, the time constant is ≈30ms (for 95% change). Fast idle is an infrequent occurrence,
however, occurring when both speakers are talking and competing for control of the circuit. The switching time from
idle back to either transmit or receive is described above.
If the circuit is switching to “slow idle”, the time constant is determined by the CT capacitor and RT, the external
resistor (see Figure 6). With CT = 5μF, and RT = 120KΩ, the time constant is ≈600ms, giving a switching time of ≈
1.8 seconds (for 95% change). The switching period to slow idle begins when both speakers have stopped talking.
The switching time back to the original mode will depend on how soon that speaker begins speaking again. The
sooner the speaking time starts during the 1.8 seconds period, the quicker the switching time since a smaller
voltage excursion is required. That switching time is determined by the internal current sources as described above.
The above switching times occur, however, after the level detectors have detected the appropriate signal levels,
since their outputs operate the Attenuator Control Block. Referring to Figure 4, the rise time of the level detector’s
outputs to new speech is quick by comparison (≈1.0ms), determined by the internal 350Ω
resistor and the
external capacitor (typically 2μF). The output’s decay time is determined by the external capacitor, and an internal
4μF current source giving a decay rate of ≈60ms for 120mV excursion at RLO or TLO. However, the overall
response time of the circuit is not a constant since it depends on the relative strength of the signals at the different
level detectors, as well as the timing of the signals with respect to each other. The capacitors at the four outputs
(RLO1, RLO2, TLO1, TLO2) must be equal value (±10%) to prevent problems in timing and level response.
The
rise time of the level detector’s outputs is not significant since it is so short. The decay time, however, provides a
significant part of the “hold time” necessary to hold the circuit during the normal pauses in speech.
The
components at the inputs of the level detectors (RLI1, RLI2, TLI1,TLI2) do not affect the switching time, but rather
affect the relative signal levels required to switch the circuit, as well as the frequency response of the detectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com