Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG3134K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG3134K
Description  N-Channel Plastic-Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG3134K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCG3134K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG3134K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG3134K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SCG3134K
0.75A, 20V, RDS(O ) 380m
-Channel Plastic-Enhancement MOSFET
23-Apr-2018 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
V(BR)DSS
20
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
3
VGS(th)
0.35
-
1.1
V
VDS=VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±20
µA
VDS=0, VGS= ±10V
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS=20V, VGS=0
-
-
380
VGS=4.5V, ID=650mA
-
-
450
VGS=2.5V, ID=550mA
Drain-Source On-State Resistance
3
RDS(ON)
-
-
800
m
VGS=1.8V, ID=450mA
Forward Transconductance
gfs
1
-
-
S
VDS=10V, ID=800mA
Turn-on Delay Time
Td(on)
-
6.7
-
Rise Time
Tr
-
4.8
-
Turn-off Delay Time
Td(off)
-
17.3
-
Fall Time
Tf
-
7.4
-
nS
VDD=10V
ID=500mA
VGS=4.5V
RG=10
Input Capacitance
Ciss
-
120
-
Output Capacitance
Coss
-
20
-
Reverse Transfer Capacitance
Crss
-
15
-
pF
VDS=16V
VGS=0
f=1MHz
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage
3
VSD
-
-
1.2
V
IS=0.15A, VGS=0
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
This test is performed with no heat sink at TA=25°C.
3.
Pulse Test: Pulse Width≦300µs, Duty Cycle≦0.5%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com