Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG3134K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG3134K
Description  N-Channel Plastic-Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG3134K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCG3134K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG3134K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG3134K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SCG3134K
0.75A, 20V, RDS(O ) 380m
-Channel Plastic-Enhancement MOSFET
23-Apr-2018 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-523
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High-Side Switching
Low On-Resistance
Low Threshold
Fast Switching Speed
APPLICATION
Drivers:Relays, Solenoids, Lamps, Hammers, Displays, Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
ORDER INFORMATION
MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameters
Symbol
Ratings
Unit
Drain-Source Voltage
VDSS
20
V
Typical Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
0.75
A
Drain Current-Pulsed
1
IDM
3
A
Power Dissipation
2
PD
150
mW
Thermal Resistance from Junction-Ambient
RθJA
833
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
34K
Part Number
Type
SCG3134K
Lead (Pb)-free
SCG3134K-C
Lead (Pb)-free and Halogen-free
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.7
0.9
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.35
M
0.25
0.35


Similar Part No. - SCG3134K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG3139K SECOS-SCG3139K Datasheet
452Kb / 3P
-0.66 A, -20 V, RDS(O%) 520 m(ohm) P Channel Enhancement MOSFET
SCG3139K-C SECOS-SCG3139K-C Datasheet
246Kb / 3P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SCG3134K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com