Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS2002-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2002-C
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2002-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS2002-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2002-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2002-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2002-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMS2002-C
2.2A , 20V , RDS(O ) 100mΩ
Ω
Ω
Ω
-Ch Enhancement Mode Power MOSFET
13-Dec-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2002
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
The SMS2002-C is the highest performance trench
N-ch MOSFETs with extreme high cell density , which
provide excellent RDSON and gate charge for most of
the small power switching and load switch applications.
The SMS2002-C meet the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Reliable and Rugged
Green Device Available
ESD Protection
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ORDER INFORMATION
MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
TA=25°C
2.2
Continuous Drain Current, @VGS=4.5V
1
TA=70°C
ID
1.8
A
Pulsed Drain Current
3
IDM
8
A
Power Dissipation
TA=25°C
PD
1
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
t≦5Sec , 125
Thermal Resistance Junction-ambient
1
RθJA
Steady state , 250
Thermal Resistance Junction-ambient
2
RθJA
415
°C / W
Part Number
Type
SMS2002-C
Lead (Pb)-free and Halogen-free
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0
0.18
B
2.10
2.95
H
0.55 REF.
C
1.20
1.7
J
0.08
0.20
D
0.89
1.3
K
0.6 REF.
E
1.70
2.3
L
0.95 BSC.
F
0.30
0.50


Similar Part No. - SMS2002-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS2001-C SECOS-SMS2001-C Datasheet
366Kb / 4P
P-Channel Enhancement Mode Power MOSFET
SMS2009E SECOS-SMS2009E Datasheet
669Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SMS2009E-C SECOS-SMS2009E-C Datasheet
582Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
Kingston Technology Far...
SMS200S3/120G KINGSTON-SMS200S3/120G Datasheet
524Kb / 2P
Save space, time and money.
SMS200S3/240G KINGSTON-SMS200S3/240G Datasheet
524Kb / 2P
Save space, time and money.
More results

Similar Description - SMS2002-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com