Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS2002-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2002-C
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2002-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS2002-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2002-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2002-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2002-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SMS2002-C
2.2A , 20V , RDS(O ) 100mΩ
-Ch Enhancement Mode Power MOSFET
13-Dec-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0V, ID=250µA
Gate-Threshold Voltage
VGS(TH)
0.45
-
1
V
VDS=VGS, ID=250µA
Forward Transconductance
gfs
-
10
-
S
VDS=5V, ID=2A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±12V
-
-
1
VDS=16V, VGS=0V, TJ=25°C
Zero Gate Voltage Drain Current
IDSS
-
-
5
µA
VDS=16V, VGS=0V, TJ=55°C
-
-
100
VGS=4.5V, ID=2A
Drain-Source On Resistance
4
RDS(ON)
-
-
140
m
VGS=2.5V, ID=1A
Total Gate Charge
Qg
-
4.7
-
Gate-to-Source Charge
Qgs
-
0.68
-
Gate-to-Drain Charge
Qgs
-
1.3
-
nC
VDS=15V
VGS=4.5V
ID=2A
Turn-on Delay Time
Td(on)
-
1.4
-
Rise Time
Tr
-
40
-
Turn-off Delay Time
Td(off)
-
12.4
-
Fall Time
Tf
-
5.6
-
nS
VDS=10V
ID=2A
VGS=4.5V
RG=3.3
Input Capacitance
Ciss
-
220
-
Output Capacitance
Coss
-
38
-
Reverse Transfer Capacitance
Crss
-
32
-
pF
VDS=15V
VGS=0V
f=1MHz
Source-Drain Diode
Continuous Source Current
1
IS
-
-
2.2
A
Pulsed Source Current
3
ISM
-
-
8
A
Diode Forward Voltage
4
VSD
-
-
1.2
V
VGS=0V, IS=1A, TJ=25°C
Reverse Recovery Time
trr
-
8.9
-
nS
Reverse Recovery Charge
Qrr
-
1.7
-
nC
IF=2A,dI/dt=100A/µs,
TJ=25°C
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
Pulse width limited by maximum junction temperature, Pulse Width ≤10µs, Duty Cycle≤1%.
4.
Pulse Test: Pulse Width ≤300µs, Duty Cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com