Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002K Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # 2N7002K
Description  N-Ch Small Signal MOSFET with ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

2N7002K Datasheet(HTML) 3 Page - SEC Electronics Inc.

  2N7002K Datasheet HTML 1Page - SEC Electronics Inc. 2N7002K Datasheet HTML 2Page - SEC Electronics Inc. 2N7002K Datasheet HTML 3Page - SEC Electronics Inc. 2N7002K Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N7002K
0.3A , 60V , RDS(ON) 4 
N-Ch Small Signal MOSFET with ESD Protection
Elektronische Bauelemente
30-Mar-2011 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE
FIG.1‐Ouput Characteristic 
FIG.2‐Transfer Characteristic
FIG.3‐On Resistance vs Drain Current 
FIG.5‐On Resistance vs Junction Temperature
FIG.4‐ On Resistance vs Gate to Source Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com