Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002K Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # 2N7002K
Description  N-Ch Small Signal MOSFET with ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

2N7002K Datasheet(HTML) 1 Page - SEC Electronics Inc.

  2N7002K Datasheet HTML 1Page - SEC Electronics Inc. 2N7002K Datasheet HTML 2Page - SEC Electronics Inc. 2N7002K Datasheet HTML 3Page - SEC Electronics Inc. 2N7002K Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N7002K
0.3A , 60V , RDS(ON) 4 
N-Ch Small Signal MOSFET with ESD Protection
Elektronische Bauelemente
30-Mar-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-23
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
RDS(ON), VGS@10V, IDS@500mA=3
RDS(ON), VGS@4.5V, IDS@200mA=4
Advanced Trench Process Technology
High Density Cell Design For Ultra Low On-Resistance
Very Low Leakage Current In Off Condition
Specially Designed for Battery Operated Systems,
Solid-State Relays Drivers:Relays, Displays, Lamps,
Solenoids, Memories, etc.
ESD Protected 2KV HBM
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOT-23 Package
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 0.008 gram
MARKING
K72
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
300
mA
Pulsed Drain Current
1
IDM
2000
mA
Maximum Power Dissipation
TA=25°C
PD
0.35
W
TA=75°C
0.21
Thermal Resistance Junction-Ambient (PCB mounted)
2
RJA
357
°C/W
Operating Junction and Storage Temperature
TJ, TSTG
-55 ~ +150
°C
Notes:
1. Maximum DC current limited by the package.
2. Surface mounted on FR4 board, t < 5sec.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50

Gate

Source
Drain



Similar Part No. - 2N7002K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
N-Channel 60-V (D-S) MOSFET
21-Feb-05
logo
Diodes Incorporated
2N7002K DIODES-2N7002K Datasheet
127Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30896 Rev. 2 - 2
logo
Pan Jit International I...
2N7002K PANJIT-2N7002K Datasheet
161Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
97Kb / 6P
N-Channel 60-V (D-S) MOSFET
23-Jun-08
logo
Guangdong Kexin Industr...
2N7002K KEXIN-2N7002K Datasheet
41Kb / 1P
N-Channel Enhanceent Mode Field Effect Transistor
More results

Similar Description - 2N7002K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
logo
SeCoS Halbleitertechnol...
2N7002KG SECOS-2N7002KG Datasheet
680Kb / 5P
N-Ch Small Signal MOSFET with Gate Protection
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
logo
SeCoS Halbleitertechnol...
2N7002K SECOS-2N7002K Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECOS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
N-Ch Small Signal MOSFET
S2N7002W SECOS-S2N7002W Datasheet
93Kb / 3P
N-Ch Small Signal MOSFET
2N7002KW SECOS-2N7002KW_15 Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
S2N7002 SECOS-S2N7002_15 Datasheet
147Kb / 2P
N-Ch Small Signal MOSFET
logo
SEC Electronics Inc.
2N7002KW SECELECTRONICS-2N7002KW Datasheet
533Kb / 4P
N-Ch Small Signal MOSFET with ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com