Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1605310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1605310
Description  Contact insert - HC-B 16-ESTZZ
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1605310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1605310 Datasheet HTML 1Page - PHOENIX CONTACT 1605310 Datasheet HTML 2Page - PHOENIX CONTACT 1605310 Datasheet HTML 3Page - PHOENIX CONTACT 1605310 Datasheet HTML 4Page - PHOENIX CONTACT 1605310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1605310
12/9/13   Page 1 / 5
Contact insert - HC-B 16-ESTZZ - 1605310
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON male insert, B16 series, 16-pos., 2 spring-cage connections per contact
Key commercial data
Packing unit
1 PCE
GTIN
Weight per Piece (excluding packing)
124.3 GRM
Custom tariff number
85369010
Country of origin
Romania
Technical data
General
Note
For housing HC-B16
Connection method
Spring-cage connection
Pollution degree
3
Surge voltage category
III
Number of positions
16+PE
Insertion/withdrawal cycles
≥ 500
Design
B16
Conductor cross section
0.14 mm² ... 2.5 mm²
Connection cross section AWG
26 ... 14
Stripping length of the individual wire
10 mm ± 1 mm
Assembly instructions
For housing h ≥ 72 mm. Connectors may be operated only when there is
no load/voltage.
Connection
For housings of type B16/B32. Connectors may only be actuated when
there is no load/voltage.


Similar Part No. - 1605310

ManufacturerPart #DatasheetDescription
logo
Heyco.
16053 HEYCO-16053 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
Walther-Werke
160532 WALTHER-160532 Datasheet
64Kb / 1P
CEEtyp
logo
Weidmuller
1605360000 WEIDMULLER-1605360000 Datasheet
295Kb / 4P
SL 3.50/16/90G 4.5SN OR BX
1605360000 WEIDMULLER-1605360000 Datasheet
1Mb / 23P
BL 3.50/16/180 SN OR BX PRT
More results

Similar Description - 1605310

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605255 PHOENIX-1605255 Datasheet
127Kb / 6P
Contact insert - HC-B 24-ESTZZ
1605598 PHOENIX-1605598 Datasheet
99Kb / 6P
Contact insert - HC-B 16-EBUQ-2,5-32
1647378 PHOENIX-1647378 Datasheet
97Kb / 6P
Contact insert - HC-B 10-ESTZZ
1647404 PHOENIX-1647404 Datasheet
119Kb / 5P
Contact insert - HC-B 16-EBUZZ
1647433 PHOENIX-1647433 Datasheet
92Kb / 6P
Contact insert - HC-B 16-ESTZ-32
1647446 PHOENIX-1647446 Datasheet
92Kb / 6P
Contact insert - HC-B 16-EBUZ-32
1648241 PHOENIX-1648241 Datasheet
106Kb / 7P
Contact insert - HC-B 16-I-UT-F
1648270 PHOENIX-1648270 Datasheet
91Kb / 4P
Contact insert - HC-B 16-I-CT-M
1678855 PHOENIX-1678855 Datasheet
115Kb / 6P
Contact insert - HC-QA-B 16-BU/PEL
1775635 PHOENIX-1775635 Datasheet
97Kb / 6P
Contact insert - HC-B 16-EBUC 32
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com