Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1605310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1605310
Description  Contact insert - HC-B 16-ESTZZ
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1605310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1605310 Datasheet HTML 1Page - PHOENIX CONTACT 1605310 Datasheet HTML 2Page - PHOENIX CONTACT 1605310 Datasheet HTML 3Page - PHOENIX CONTACT 1605310 Datasheet HTML 4Page - PHOENIX CONTACT 1605310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1605310
12/9/13   Page 2 / 5
Contact insert - HC-B 16-ESTZZ - 1605310
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 125 °C (including heating up of contacts)
Material data
Inflammability class according to UL 94
V0
Contact material
Copper alloy
Contact surface material
Ag
Contact carrier material
PC
Electrical characteristics
Rated voltage (III/3)
500 V
Rated surge voltage
6 kV
Rated current
16 A
Classifications
eCl@ss
eCl@ss 4.0
27140816
eCl@ss 4.1
27140816
eCl@ss 5.0
27143424
eCl@ss 5.1
27143424
eCl@ss 6.0
27143424
eCl@ss 7.0
27440209
eCl@ss 8.0
27440209
ETIM
ETIM 2.0
EC000438
ETIM 3.0
EC000438
ETIM 4.0
EC000438
ETIM 5.0
EC000438
UNSPSC
UNSPSC 6.01
30211923
UNSPSC 7.0901
39121522
UNSPSC 11
39121522
UNSPSC 12.01
39121522
UNSPSC 13.2
39121522
Approvals
Approvals



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com