Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZJ2.0 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # GLZJ2.0
Description  SURFACE MOUNT ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GLZJ2.0 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  GLZJ2.0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GLZJ2.0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GLZJ2.0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IZ
IF
VR
IR (μA)
Izt Zzt (Ω) Izk Zzk (Ω)
MIN
MAX
(mA)
(mA)
MIN
MAX
(V)
MAX
(mA)
MAX
(mA)
MAX
A
11.13 11.71
B
11.44 12.03
C
11.74 12.35
A
12.11 12.75
B
12.55 13.21
C
12.99 13.66
A
13.44 14.13
B
13.89 14.62
C
14.35 15.09
A
14.80 15.57
B
15.25 16.04
C
15.69 16.51
A
16.22 17.06
B
16.82 17.70
C
17.42 18.33
A
18.02 18.96
B
18.63 19.59
C
19.23 20.22
D
19.72 20.72
A
20.15 21.20
B
20.64 21.71
C
21.08 22.17
D
21.52 22.63
A
22.05 23.18
B
22.61 23.77
C
23.12 24.31
D
23.63 24.85
A
24.26 25.52
B
24.97 26.26
C
25.63 26.95
D
26.29 27.64
A
26.99 28.39
B
27.70 29.13
C
28.36 29.82
D
29.02 30.51
A
29.68 31.22
B
30.32 31.88
C
30.90 32.50
D
31.49 33.11
A
32.14 33.79
B
32.79 34.49
C
33.40 35.13
D
34.01 35.77
A
34.68 36.47
B
35.36 37.19
C
36.00 37.85
D
36.63 38.52
GLZJ43
40.00 45.00
5
100
0.2
1.0
33.0
0.2
5
90
GLZJ47
44.00 49.00
5
100
0.2
1.0
36.0
0.2
5
90
GLZJ51
48.00 54.00
5
100
0.2
1.0
39.0
0.2
5
110
GLZJ56
53.00 60.00
5
100
0.2
1.0
43.0
0.2
5
110
* Mini Melf Molded Glass.
0.5
250
0.5
200
GLZJ27
5
100
0.2
535
1.0
21.0
0.2
5
45
30
0.5
200
GLZJ24
5
100
0.2
1.0
19.0
0.2
1.0
17.0
0.2
5
5
55
0.5
200
65
0.5
250
GLZJ20
5
100
0.2
1.0
15.0
0.2
0.5
250
GLZJ33
5
100
0.2
1.0
25.0
0.2
5
250
GLZJ30
5
100
0.2
1.0
23.0
0.2
5
55
0.2
5
75
0.5
1.0
27.0
GLZJ22
5
GLZJ36
5
100
0.2
100
0.2
SPEC.
GLZJ16
GLZJ18
GLZJ12
0.2
1.0
9.0
CLASS
530
0.5
GLZJ39
GLZJ13
GLZJ15
0.5
0.5
5
100
110
5
100
0.2
1.0
10.0
0.2
5
35
0.2
0.5
110
5
100
0.2
1.0
11.0
0.2
5
40
0.5
110
5
100
0.2
1.0
12.0
0.2
5
40
150
5
100
0.2
1.0
13.0
0.2
5
45
150
30.0
0.2
5
85
250
VF (V)
VZ (V)
SURFACE MOUNT ZENER DIODES
GLZJ-SERIES
0.5
5
100
0.2
1.0
0.5W
18-Dec-2012 Rev. B
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com