Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZJ2.0 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # GLZJ2.0
Description  SURFACE MOUNT ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GLZJ2.0 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  GLZJ2.0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GLZJ2.0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GLZJ2.0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Absolute Maximum Ratings
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation at Tamb=25oC
Ptot
500*
mW
Junction Temperature
Tj
175
oC
Storage Temperature Range
Ts
-65 to +175
oC
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Cases:Mini Melf Molded Glass
Characteristic at Tamb=25
oC
Symbol Min.
Typ.
Max.
Unit
Thermal Resistance
Junction to Ambient Air
Forward Voltage
at IF=100mA
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
SURFACE MOUNT ZENER DIODES
GLZJ-SERIES
RthA
-
-
0.3*
K/mW
VF
V
1
-
-
5
10
15
20
25
30
0
10
20
30
40
50
mA
Iz
V z
V
B re a kdown C ha ra cte ris tics
T e s t C urre nt
Iz =5mA
0
100
200
300
400
500
50
100 150 200 250
O
T a ( C )
A mbie nt Te mpe ra ture
C ha nge s in the powe r dis s ipa tion
due to the a mbie nt te mpe ra ture
G L Z J -S E R IE S
Items
Materials
Package
Mini MELF
Case
H
Packaging Dimensions (mm)
ermeticall sealed glass
L
Symbol
Min
Max
ead Finish
Solder Plating
A
B
C
3.300
1.390
0.280
3.700
1.600
0.500
A
B
C
Mechanical Data
Dimensions in mm
MINI MELF
18-Dec-2012 Rev. B
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com