Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN5 Datasheet(PDF) 14 Page - IXYS Corporation

Part # DWN5
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN5 Datasheet(HTML) 14 Page - IXYS Corporation

Back Button DWN5 Datasheet HTML 10Page - IXYS Corporation DWN5 Datasheet HTML 11Page - IXYS Corporation DWN5 Datasheet HTML 12Page - IXYS Corporation DWN5 Datasheet HTML 13Page - IXYS Corporation DWN5 Datasheet HTML 14Page - IXYS Corporation DWN5 Datasheet HTML 15Page - IXYS Corporation DWN5 Datasheet HTML 16Page - IXYS Corporation DWN5 Datasheet HTML 17Page - IXYS Corporation DWN5 Datasheet HTML 18Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
26
© 2004 IXYS All rights reserved
GaAs Schottky Diodes
Type
VRRM
TVJM
25°C
125°C
V°C
V
V
DWGS04-01A
100
175
8.5
10.12
0.62
0.54
2.0
700
19.0
12.5
DWGS10-01C
25.0
5.20
0.99
0.94
10.0
< 10
19.0
80.0
DWGS04-018A
180
5.0
10.12
0.85
0.85
2.0
700
8.8
12.5
DWGS04-018C
8,4
10.12
1.25
1.02
4.0
< 10
8.8
32.0
DWGS10-018A
11.0
5.20
0.80
0.80
5.0
1300
22.0
30.0
DWGS10-018C
15.0
5.20
1.21
1.04
10.0
< 10
22.0
80.0
DWGS20-018A
17.0
3.70
0.80
0.80
7.5
2000
33.0
50.0
DWGS20-018C
23.0
3.70
1.24
1.07
20.0
< 10
33.0
120.0
DWGS04-025A
250
3.9
10.12
1.30
1.30
2.0
700
6.4
12.5
DWGS04-025C
7.8
10.12
1.26
1.05
4.0
< 10
6.4
32.0
DWGS10-025A
9.0
5.20
1.25
1.25
5.0
1300
18.0
30.0
DWGS10-025C
14.0
5.20
1.26
1.07
10.0
< 10
18.0
80.0
DWGS20-025A
13.0
3.70
1.25
1.25
7.5
2000
26.0
50.0
DWGS20-025C
20.0
3.70
1.24
1.10
20.0
< 10
26.0
120.0
DWGS04-03A
300
3.5
10.12
1.60
1.60
2.0
700
3.7
12.5
DWGS04-03C
6.0
10.12
1,56
1,10
4.0
< 10
3.7
32.0
DWGS10-03A
8.0
5.20
1.60
1.60
5.0
1300
9.0
30.0
DWGS10-03C
17.5
5.20
1.56
1.11
10.0
10
9.0
80.0
DWGS20-03C
25.0
3.70
1,56
1,14
20.0
15
14.0
120.0
@VRRM
125°C
IR typ
IF(AV)M
VF typ
µA
RthJC
rect.
TC = 90°C
TVJ =
@IF
AK/W
A
d = 0.5
typ.
pF
A
125°C
0,5*VRRM
IFSM
Cj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com