Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN5 Datasheet(PDF) 18 Page - IXYS Corporation

Part # DWN5
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN5 Datasheet(HTML) 18 Page - IXYS Corporation

Back Button DWN5 Datasheet HTML 14Page - IXYS Corporation DWN5 Datasheet HTML 15Page - IXYS Corporation DWN5 Datasheet HTML 16Page - IXYS Corporation DWN5 Datasheet HTML 17Page - IXYS Corporation DWN5 Datasheet HTML 18Page - IXYS Corporation DWN5 Datasheet HTML 19Page - IXYS Corporation DWN5 Datasheet HTML 20Page - IXYS Corporation DWN5 Datasheet HTML 21Page - IXYS Corporation DWN5 Datasheet HTML 22Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
30
© 2004 IXYS All rights reserved
Schottky Diodes
Type
VRRM
TVJM
RthJC 1
IRM
trr
typ.
25°C
25°C
typ.
V°C
K/W
V
A
ns
A
DWS 5-60A
60
tbd
175
tbd
1.7
tbd
tbd
10
170
tbd
tbd
tbd
tbd
DWS 15-60B
43
150
43
1.4
0.60
0.60
20
320
tbd
tbd
20
200
DWS 25-60B
63
1)
150
63
1.1
0.59
0.50
40
660
tbd
tbd
40
200
DWS 35-60B
82
1)
150
82
0.8
0.53
0.48
60
900
2.50
tbd
50
200
DWS 25-80B
80
66
1)
150
66
1.1
0.70
0.55
40
660
1.50
tbd
40
200
DWS 36-80A
91
175
91
0.8
0.74
0.58
60
700
2.00
tbd
50
200
DWS 2-100A
100
32
175
32
1.7
0.77
0.57
10
120
2.00
tbd
10
200
DWS 12-100A
45
175
45
1.4
0.78
0.57
20
230
2.30
tbd
20
200
DWS 22-100A
65
175
65
1.1
0.78
0.58
40
450
2.60
tbd
40
200
DWS 32-100A
92
175
92
0.8
0.77
0.57
60
700
3.40
tbd
50
200
DWS 1-150A
150
30
175
30
1.7
0.81
0.62
10
120
3.00
tbd
10
200
DWS 11-150A
43
175
43
1.4
0.81
0.62
20
200
4.00
tbd
20
200
DWS 21-150A
60
175
60
1.1
0.81
0.63
40
450
tbd
tbd
40
200
DWS 31-150A
85
175
85
0.8
0.81
0.62
60
700
4.50
tbd
50
200
DWS 1-180A
180
30
175
30
1.7
0.81
0.62
10
120
3.50
tbd
10
200
DWS 30-200A
200
tbd
175
tbd
0.8
0.00
0.00
60
700
5.00
tbd
50
200
1 Mounted on DCB
mA
1) = 100°C
1) = 100°C
IR
VRRM
125°C
IF(AV)M
Reverse Recovery
VF
IFSM
A/µs
@IF
@-di/dt
rect. d = 0.5
TVJ =
@IF
TC = 125°C
150°C
AV
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com