Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN2 Datasheet(PDF) 22 Page - IXYS Corporation

Part # DWN2
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN2 Datasheet(HTML) 22 Page - IXYS Corporation

Back Button DWN2 Datasheet HTML 14Page - IXYS Corporation DWN2 Datasheet HTML 15Page - IXYS Corporation DWN2 Datasheet HTML 16Page - IXYS Corporation DWN2 Datasheet HTML 17Page - IXYS Corporation DWN2 Datasheet HTML 18Page - IXYS Corporation DWN2 Datasheet HTML 19Page - IXYS Corporation DWN2 Datasheet HTML 20Page - IXYS Corporation DWN2 Datasheet HTML 21Page - IXYS Corporation DWN2 Datasheet HTML 22Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
34
© 2004 IXYS All rights reserved
DWFN
DWFP
Fast Rectifier Diodes
Type
VRRM
TVJM
IF(AV)M
RthJC 1
rect. d = 0.5
IRM
@IF
@-di/dt
trr
TC = 75°C
typ.
25°C
typ.
V°C
A
K/W
A
µs
A
DWFN 2-16/18
1600 -
2
125
10
2.9
1.79
tbd
10
75
tbd
tbd
tbd
1.5
4
5
DWFN 9-16/18
1800
4
16
1.6
1.98
tbd
30
160
tbd
tbd
tbd
1.5
8
5
DWFN 17-16/18
5
17
1.3
1.89
tbd
55
300
tbd
tbd
tbd
1.5
10
10
DWFP 17-16/18
5
17
1.3
2.10
tbd
55
300
tbd
tbd
tbd
1.5
10
10
DWFN 21-16/18
8
23
0.9
1.98
tbd
70
400
tbd
tbd
tbd
1.5
15
15
DWFN 35-16/18
10
26
0.7
1.88
tbd
80
500
tbd
tbd
tbd
1.5
25
25
1 Mounted on DCB
IR
VRRM
TVJ M
typ. mA
AA/µs
VV
A
25°C
125°C
@-di/dt
Reverse Recovery
TVJ =
@IF
@IF
VF
IFSM
Type
Si-
thickn.
AB
mm
mm
mm
DWFN 2-16/18
•
1204
2.95
2.95
0.265
DWFN 9-16/18
•
684
3.90
3.90
0.265
DWFN 17-16/18
•
•
518
4.45
4.45
0.265
DWFP 17-16/18
•
•
239
4.45
4.45
0.265
DWFN 21-16/18
•
346
5.40
5.40
0.265
DWFN 35-16/18
•
259
6.20
6.20
0.265
Tolerance
-0.1
-0.1
±5%
per
Wafer
Chips
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com