Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWN2 Datasheet(PDF) 9 Page - IXYS Corporation

Part # DWN2
Description  Rectifier Diodes & FRED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWN2 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button DWN2 Datasheet HTML 5Page - IXYS Corporation DWN2 Datasheet HTML 6Page - IXYS Corporation DWN2 Datasheet HTML 7Page - IXYS Corporation DWN2 Datasheet HTML 8Page - IXYS Corporation DWN2 Datasheet HTML 9Page - IXYS Corporation DWN2 Datasheet HTML 10Page - IXYS Corporation DWN2 Datasheet HTML 11Page - IXYS Corporation DWN2 Datasheet HTML 12Page - IXYS Corporation DWN2 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
21
© 2004 IXYS All rights reserved
FRED - Fast Recovery Epitaxial Diodes
Type
Si-
thickn.
AB
mm
mm
mm
DWEP 27-02
•
518
4.45
4.45
0.35
DWEP 37-02
•
257
6.20
6.20
0.35
DWEP 77-02
•
•
151
8.91
7.22
0.35
DWEP 8-06
•
1612
3.60
1.80
0.35
DWEP 12-06
•
•
1851
2.40
2.40
0.35
DWEP 15-06
•
•
990
3.25
3.25
0.35
DWEP 23-06
•
•
531
5.50
3.50
0.35
DWEP 25-06
•
•
518
4.45
4.45
0.35
DWEP 35-06
•
•
257
6.20
6.20
0.35
DWEP 55-06
•
230
8.65
4.95
0.35
DWEP 75-06
•
•
151
8.91
7.22
0.35
DWEP 3-10
•
1612
1.80
3.60
0.35
DWEP 10-10
•
990
3.25
3.25
0.35
DWEP 18-10
•
531
5.50
3.50
0.35
DWEP 20-10
•
518
4.45
4.45
0.35
DWEP 30-10
•
•
257
6.20
6.20
0.35
DWEP 50-10
•
230
8.65
4.95
0.35
DWEP 70-10
•
151
8.91
7.22
0.35
DWEP 6-12
•
1851
2.40
2.40
0.35
DWEP 9-12
•
•
990
3.25
3.25
0.35
DWEP 17-12
•
•
531
5.50
3.50
0.35
DWEP 19-12
•
•
518
4.45
4.45
0.35
DWEP 29-12
•
•
257
6.20
6.20
0.35
DWEP 49-12
•
•
230
8.65
4.95
0.35
DWEP 69-12
•
•
151
8.91
7.22
0.35
Tolerance
-0.1
-0.1
±5%
Chips
per
Wafer
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com