Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC1815
Description  isc Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1815 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC1815_19 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1815_19 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Transistor
2SC1815
DESCRIPTION
·
With SOT-89 packaging
·
High Voltage and High Current
Vceo=50V(Min.),Ic=150mA(Max)
·
Excellent hFE Linearity
·
Low Noise
·
Complement to Type 2SA1015(O,Y,GR class)
APPLICATIONS
·
Audio frequency general purpose amplifier Applications
·
Driver stage amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYM
BOL
PARAMETER
VALU
E
UNI
T
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Curren
150
mA
IB
Base Curren
50
mA
PC
Collector Power Dissipation
@TC=25℃
400
mW
TJ
Junction Temperature
125
Tstg
Storage Temperature Range
-55~1
25


Similar Part No. - 2SC1815_19

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
2SC1815-1 FCI-2SC1815-1 Datasheet
839Kb / 2P
NPN Epitaxial Planar Transistor
logo
Unisonic Technologies
2SC1815 UTC-2SC1815_11 Datasheet
215Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Guangdong Kexin Industr...
2SC1815 KEXIN-2SC1815_15 Datasheet
987Kb / 2P
NPN Transistors
More results

Similar Description - 2SC1815_19

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N3583 ISC-2N3583 Datasheet
158Kb / 2P
isc Silicon NPN Power Transistor
2N6739 ISC-2N6739 Datasheet
202Kb / 2P
isc Silicon NPN Power Transistor
2SC937 ISC-2SC937 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
2SC1569 ISC-2SC1569 Datasheet
243Kb / 2P
isc Silicon NPN Power Transistor
2SC3198 ISC-2SC3198 Datasheet
214Kb / 2P
isc Silicon NPN Transistor
2SC1815 ISC-2SC1815 Datasheet
169Kb / 2P
isc Silicon NPN Transistor
2SC2120 ISC-2SC2120 Datasheet
168Kb / 2P
isc Silicon NPN Transistor
MMBT3904 ISC-MMBT3904 Datasheet
262Kb / 2P
isc Silicon NPN Transistor
2SD965 ISC-2SD965 Datasheet
291Kb / 3P
isc NPN Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com