Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3583 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N3583 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N3583
Download  2N3583 Download
File Size   158.62 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N3583 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3583 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N3583
Download  2N3583 Click to download

File Size   158.62 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N3583 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N3583 Product details

DESCRIPTION
• Contunuous Collector Current-IC= 1A
• Power Dissipation-PD=35W @TC= 25℃
• Collector-Emitter Saturation Voltage-
   : VCE(sat)= 5.0 V(Max)@ IC = 1A 


APPLICATIONS
• Designed for high-speed switching and linear amplifier application 
   for high-voltage operational amplifiers, switching regulators, 
   converters,deflection stages and high fidelity amplifiers. 




Similar Part No. - 2N3583

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3583 MOSPEC-2N3583 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Boca Semiconductor Corp...
2N3583 BOCA-2N3583 Datasheet
224Kb / 4P
COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Microsemi Corporation
2N3583 MICROSEMI-2N3583 Datasheet
63Kb / 3P
5 Amp, 250V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N3583 CENTRAL-2N3583 Datasheet
51Kb / 1P
Power Transistors
logo
Comset Semiconductor
2N3583 COMSET-2N3583 Datasheet
166Kb / 3P
NPN SILICON POWER TRANSISTORS.
More results


Similar Description - 2N3583

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com