Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2867L-R16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # F2867L-R16-R
Description  VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2867L-R16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  F2867L-R16-R Datasheet HTML 1Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 2Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 3Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 4Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 5Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
F2867
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 6
www.unisonic.com.tw
QW-R109-038.C
M ARK I N G
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
OUT2P
Output2 PMOS drive
2
OUT2N
Output2 NMOS drive
3
VCC
Power supply
4
SENSE
Current limiting detection pin
5
RMI
Minimum speed setting pin
6
VTH
Speed control pin
7
CPWM
Pin to connect the capacitor for generation of the PWM basic frequency
8
FG
Rotation speed detection pin
9
IN
-
Hall signal input
10
IN
+
Hall signal input
11
CT
Pin to connect the lock detection capacitor
12
S-S
Pin to connect the soft-start setting capacitor
13
5VREG
5V reference voltage
14
SGND
Power-GND
15
OUT1N
Output1 NMOS drive
16
OUT1P
Output1 PMOS drive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com