Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2867L-R16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # F2867L-R16-R
Description  VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2867L-R16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  F2867L-R16-R Datasheet HTML 1Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 2Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 3Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 4Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 5Page - Unisonic Technologies F2867L-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
F2867
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 6
www.unisonic.com.tw
QW-R109-038.C
ABSOLU T E M AX I M U M RAT I N G (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Maximum Supply Voltage
VCC
18
V
OUTN Pin Maximum Output Current
IOUTN
20
mA
OUTP Pin Maximum Sink Current
IOUTP
20
mA
OUT Pin Output Withstand Voltage
VOUT
18
V
VTH, RMI Pins Withstand Voltage
VVTH, VRMI
7
V
S-S Pin Withstand Voltage
VS-S
7
V
FG Output Pin Withstand Voltage
VFG
19
V
FG Pin Maximum Output Current
IFG
10
mA
5VREG Pin Maximum Output Current
I5VREG
20
mA
Allowable Power Dissipation (with specified substrate (Note 2))
PD
800
mW
Operating Temperature (Note 3)
TOPR
-30 ~ +95
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Specified substrate: 114.3mm×76.1mm×1.6mm, glass epoxy board.
3. TJ max=125°C must not be exceeded.
RECOM M EN DED OPERAT I N G CON DI T I ON S (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Supply Voltage
VCC
5.5 ~ 16
V
VTH, RMI Input Voltage Range
VTH, RMI
0 ~ 5
V
Hall Input Common-Phase Input Voltage Range
VICM
0.2 ~ 3
V
ELECT RI CAL CH ARACT ERI ST I CS (VCC=12V, TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1
During drive
5.5
7.5
9.5
mA
Circuit Current
ICC2
During lock protection
5.5
7.5
9.5
mA
5VREG Voltage
5VREG
I5VREG = 5mA
4.80
4.95
5.10
V
Current Limiting Voltage
VLIM
185
200
215
mV
CPWM Pin “h” Level Voltage
VCPWM_H
2.8
3.0
3.2
V
CPWM Pin “L” Level Voltage
VCPWM_L
0.9
1.1
1.3
V
CPWM Pin Charge Current
ICPWM1
VCPWM=0.5V
24
30
36
μA
CPWM Pin Discharge Current
ICPWM2
VCPWM=3.5V
21
27
33
μA
CPWM Oscillation Frequency
FPWM
C=220PF
30
kHz
CT Pin “H” Level Voltage
VCTH
2.8
3.0
3.2
V
CT Pin “L” Level Voltage
VCTL
0.9
1.1
1.3
V
CT Pin Charge Current
ICT1
VCT=0.5V
1.6
2.0
2.5
μA
CT Pin Discharge Current
ICT2
VCT=3.5V
0.16
0.20
0.25
μA
CT Pin Charge/Discharge
Ratio
RCT
ICT1/ICT2
8
10
12
times
S-S Pin Discharge Current
IS-S
VS-S=1V
0.4
0.5
0.6
μA
OUTN Output H-level Voltage
VONH
IO=10mA
VCC-0.85 VCC-1.00
V
OUTN Output L-level Voltage
VONL
IO=10mA
0.9
1.1
V
OUTP Output L-level Voltage
VOPL
IO=10mA
0.5
0.65
V
Hall Input Sensitivity
VHN
IN
+, IN- differential voltage
(including offset and hysteresis)
±10
±20
mV
FG Output L-level Voltage
VFGL
IFG=5mA
0.15
0.30
V
FG Pin Leakage Current
IFGL
VFG=19V
20
μA
VTH/RMI Pin Bias Current
IVTH/IRMI
CPWM=VTH/RMI=2V
0.2
μA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com