Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2967L-R20-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # F2967L-R20-R
Description  FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2967L-R20-R Datasheet(HTML) 7 Page - Unisonic Technologies

  F2967L-R20-R Datasheet HTML 1Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 2Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 3Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 4Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 5Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 6Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 7Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 8Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
F2967
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
7 of 9
www.unisonic.com.tw
QW-R109-036.D
T Y PI CAL APPLI CAT I ON CI RCU I T
12V Sample Application Circuit
VZ=18V
SOP8901
RF
CB=to 0.022µF
RB=10k
Ω
ROUT=100
Ω
RFG, RRD=10k
Ω~100kΩ
HALL
VCC
VOVER
HB
IN-
IN+
RMI
VTH
CPWM
CT
SGND
RD
FG
SENSE
VLIM
6VREG
ROFF
OUT1P
OUT1N
OUT2P
OUT2N
PWM-IN
CP=100pF
25kHz
CT=0.47µF
R=0~5k
Ω
6VREG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com