Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2967L-R20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F2967L-R20-R
Description  FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2967L-R20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F2967L-R20-R Datasheet HTML 1Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 2Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 3Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 4Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 5Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 6Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 7Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 8Page - Unisonic Technologies F2967L-R20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
F2967
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R109-036.D
FOR V ARI ABLE SPEED FAN
M OT OR SI N GLE-PH ASE
FU LL-WAV E PRE-DRI V ER
DESCRI PT I ON
The UTC F2967 is a single-phase fan motor pre-driver IC.
This IC has variable speed function that works with an external
Pulse-Width
Modulation
signal.
A
quiet
and
low
power
consumption motor driver circuit can be implemented by adding a
small number of external components.
This IC is optimal for driving large scale fan motors (with large
air volume and large current) such as those used in servers and
consumer products.
FEAT U RES
* Single-phase full-wave drive
* Variable speed control with External PWM input
* Current limiter circuit
* Reactive current cut circuit
* Compatible with 12V, 24V, and 48V power supplies
* Minimum speed setting pin
* Reference voltage output pin for Hall bias
* automatic reset and Lock protection functions incorporated
* (Rotation speed detection), RD (Lock detection) output
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
F2967L-R20-R
F2967G-R20-R
SSOP-20
Tape Reel
F2967L-P20-R
F2967G-P20-R
TSSOP-20
Tape Reel
■
M ARK I N G


Similar Part No. - F2967L-R20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2967L-P20-R UTC-F2967L-P20-R Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
F2967L-P20-R UTC-F2967L-P20-R Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
F2967L-P20-T UTC-F2967L-P20-T Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
F2967L-P20-T UTC-F2967L-P20-T Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
More results

Similar Description - F2967L-R20-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com