Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6219G-S24-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L6219G-S24-R
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6219G-S24-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L6219G-S24-R Datasheet HTML 1Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 2Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 3Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 4Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 5Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 6Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 7Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 8Page - Unisonic Technologies L6219G-S24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
L6219
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R109-005.D
APPLI CAT I ON I N FORM AT I ON
Logic Control Of Output Current
Two logic level inputs (I0 and I1) allow digital selection of the motor winding current at 100%, 67%, 33%, or 0% of
the maximum level per the table. The 0% output current condition turns off all drivers in the bridge and can be used
as an OUTPUT ENABLE function.
These logic level inputs greatly enhance the implementation of
μP-controlled drive formats.
During half-step operations, the I0 and I1 allow the
μP to control the motor at a constant torque between all
positions in an eight-step sequence. This is accomplished by digitally selection 100% drive current when only one
phase is on and 67% drive current when two phases are on. Logic highs on both I0 and I1 turn off all drivers to allow
rapid current decay when switching phases. This helps to ensure proper motor operation at high step rates.
The logic control inputs can also be used to select a reduced current level (and reduced power dissipation) for
“hold” conditions and/or increased current (and available torque )for start-up conditions.
Current-Control Truth Table
I0
I1
Output Current
L
L
VREF/10RS=ITRIP
H
L
VREF/15RS=2/3 ITRIP
L
H
VREF/30RS=1/3 ITRIP
H
H
0
General
The PHASE input to each bridge determines the direction motor winding current flows. An internally generated
dead time (approximately 2
μs) prevents crossover currents that can occur when switching the PHASE input.
All four drivers in the bridge output can be tuned off between steps (I0=I1
≥2.4V) resulting in a fast current decay
through the internal output clamp and flyback diodes. The fast current decay is desirable in half-step and high-speed
applications. The PHASE,I0, and I1 inputs float high.
Varying the reference voltage (VREF) provides continuous control of the peak load current for microstepping
applications.
Thermal protection circuitry turns off all drivers when the junction temperature reaches +170
C. It is only intended
to protect the device from failures due to excessive junction temperature and should not imply that output short
circuits are permitted. The output drivers are re-enabled when the junction temperature cools to +145
C.
The UTC L6219 output drivers are optimized for low output saturation voltages-less than 1.8V total (source plus
sink) at 500mA.Under normal operating conditions, when combined with the excellent thermal properties of the
batwing package design, this allows continuous operation of both bridges simultaneously at 500mA.
Current Sensing
To minimize current sensing inaccuracies caused by ground trace IR drops, each current-sensing resistor should
have a separate return to the ground terminal of the device. For low-value sense resistors, the IR drops in the PCB
can be significant and should be taken into account. The use of sockets should be avoided as their contact
resistance can cause variations in the effective value of RS.
Generally, larger values of RS reduce the aforementioned effects but can result in excessive heating and power
loss in the sense resistor. The selected value of RS should not cause the absolute maximum voltage rating of 1.5 V,
for the SENSE terminal, to be exceeded. The recommended value of RS is in the range of:
RS=0.75/ITRIP(max) ±50% .
If desired, the reference input voltage can be filtered by placing a capacitor from REFIN to ground. The ground
return for this capacitor as well as the bottom of any resistor divider used should be independent of the high-current
power-ground trace to avoid changes in REFIN due to IR drops.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com